Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73115DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73115DBVR
Description  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73115DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73115DBVR Datasheet HTML 6Page - Texas Instruments TPS73115DBVR Datasheet HTML 7Page - Texas Instruments TPS73115DBVR Datasheet HTML 8Page - Texas Instruments TPS73115DBVR Datasheet HTML 9Page - Texas Instruments TPS73115DBVR Datasheet HTML 10Page - Texas Instruments TPS73115DBVR Datasheet HTML 11Page - Texas Instruments TPS73115DBVR Datasheet HTML 12Page - Texas Instruments TPS73115DBVR Datasheet HTML 13Page - Texas Instruments TPS73115DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
60
55
50
45
40
35
30
25
20
C
FB (F)
10p
100p
1n
10n
V
OUT = 2.5V
C
OUT = 0µF
R
1 = 39.2kΩ
10Hz < Frequency < 100kHz
10
1
0.1
0.01
−50
−25
0
25
50
75
100
125
Temperature (
_C)
25
µs/div
50mV/div
50mV/div
V
OUT
V
OUT
I
OUT
150mA
10mA
C
OUT = 0µF
C
FB = 10nF
R
1 = 39.2kΩ
C
OUT = 10µF
160
140
120
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
5
µs/div
100mV/div
100mV/div
V
OUT
V
OUT
V
IN
4.5V
3.5V
C
OUT = 0µF
V
OUT = 2.5V
C
FB = 10nF
C
OUT = 10µF
TPS731xx
SBVS034H – SEPTEMBER 2003 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at T
J= 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
TPS73101
IENABLE vs TEMPERATURE
RMS NOISE VOLTAGE vs CFB
Figure 27.
Figure 28.
TPS73101
TPS73101
IFBvs TEMPERATURE
LOAD TRANSIENT, ADJUSTABLE VERSION
Figure 29.
Figure 30.
TPS73101
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 31.
10
Submit Documentation Feedback


Similar Part No. - TPS73115DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73115DBVR TI-TPS73115DBVR Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73115DBVR TI1-TPS73115DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
TPS73115DBVRG4 TI1-TPS73115DBVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Similar Description - TPS73115DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com