Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73132DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73132DBVT
Description  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73132DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73132DBVT Datasheet HTML 5Page - Texas Instruments TPS73132DBVT Datasheet HTML 6Page - Texas Instruments TPS73132DBVT Datasheet HTML 7Page - Texas Instruments TPS73132DBVT Datasheet HTML 8Page - Texas Instruments TPS73132DBVT Datasheet HTML 9Page - Texas Instruments TPS73132DBVT Datasheet HTML 10Page - Texas Instruments TPS73132DBVT Datasheet HTML 11Page - Texas Instruments TPS73132DBVT Datasheet HTML 12Page - Texas Instruments TPS73132DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
10
µs/div
40mV/tick
40mV/tick
40mV/tick
25mA/tick
V
IN = 3.8V
C
OUT = 0µF
C
OUT = 1µF
C
OUT = 10µF
10mA
150mA
V
OUT
V
OUT
V
OUT
I
OUT
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.5V
C
OUT = 0µF
10Hz < Frequency < 100kHz
10
µs/div
50mV/div
50mV/div
1V/div
V
OUT
V
OUT
V
IN
I
OUT = 150mA
5.5V
4.5V
dV
IN
dt
= 0.5V/
µs
C
OUT = 0µF
C
OUT = 100µF
100
µs/div
1V/div
1V/div
R
L = 20Ω
C
OUT = 10µF
2V
0V
R
L = 1kΩ
C
OUT = 0µF
R
L = 20Ω
C
O UT = 1µF
V
OUT
V
EN
100
µs/div
1V/div
1V/div
R
L = 20Ω
C
OUT = 10µF
2V
0V
R
L = 1kΩ
C
OUT = 0µF
R
L = 20Ω
C
OUT = 1µF
V
OUT
V
EN
6
5
4
3
2
1
0
−1
−2
50ms/div
V
IN
V
OUT
TPS731xx
SBVS034H – SEPTEMBER 2003 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at T
J= 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
TPS73133
RMS NOISE VOLTAGE vs CNR
LOAD TRANSIENT RESPONSE
Figure 21.
Figure 22.
TPS73133
TPS73133
LINE TRANSIENT RESPONSE
TURN-ON RESPONSE
Figure 23.
Figure 24.
TPS73133
TPS73133
TURN-OFF RESPONSE
POWER UP / POWER DOWN
Figure 25.
Figure 26.
9
Submit Documentation Feedback


Similar Part No. - TPS73132DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73132DBVT TI-TPS73132DBVT Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73132DBVT TI1-TPS73132DBVT Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Similar Description - TPS73132DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com