Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73133DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73133DBVR
Description  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73133DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73133DBVR Datasheet HTML 4Page - Texas Instruments TPS73133DBVR Datasheet HTML 5Page - Texas Instruments TPS73133DBVR Datasheet HTML 6Page - Texas Instruments TPS73133DBVR Datasheet HTML 7Page - Texas Instruments TPS73133DBVR Datasheet HTML 8Page - Texas Instruments TPS73133DBVR Datasheet HTML 9Page - Texas Instruments TPS73133DBVR Datasheet HTML 10Page - Texas Instruments TPS73133DBVR Datasheet HTML 11Page - Texas Instruments TPS73133DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
10M
10
Frequency(Hz)
V
=V
=1.25V
OUT
IN
I =1mA
C =Any
O
O
I =100mA
C =Any
O
O
I =1mA
C =
O
O
10 F
m
I =1mA
C =
O
O
1 F
m
I =Any
C =
O
O
0 F
m
I =100mA
C =
O
O
1 F
m
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
10M
10
Frequency(Hz)
V
=1.25V
OUT
I =100mA
C =10 FCeramic
R
=0.3
Nr
=0.01 F
O
O
SERIES
CAP
m
W
m
I =100mA
C =10 FCeramic
NoR
Nr
=0.01 F
O
O
SERIES
CAP
m
m
I =100mA
C =10 FTantalum
O
O
m
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
IN − VOUT (V)
Frequency = 100kHz
C
OUT = 10µF
V
OUT = 2.5V
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
C
OUT = 1µF
C
OUT = 0µF
C
OUT = 10µF
I
OUT = 150mA
60
50
40
30
20
10
0
C
OUT (µF)
0.1
1
10
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.5V
C
NR = 0.01µF
10Hz < Frequency < 100kHz
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
I
OUT = 150mA
C
OUT = 1µF
C
OUT = 0µF
C
OUT = 10µF
TPS731xx
SBVS034H – SEPTEMBER 2003 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at T
J= 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
PSRR (RIPPLE REJECTION) vs FREQUENCY
PSRR (RIPPLE REJECTION) vs FREQUENCY
Figure 15.
Figure 16.
NOISE SPECTRAL DENSITY
PSRR (RIPPLE REJECTION) vs VIN - VOUT
CNR = 0µF
Figure 17.
Figure 18.
NOISE SPECTRAL DENSITY
CNR = 0.01µF
RMS NOISE VOLTAGE vs COUT
Figure 19.
Figure 20.
8
Submit Documentation Feedback


Similar Part No. - TPS73133DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73133DBVR TI-TPS73133DBVR Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73133DBVR TI1-TPS73133DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
TPS73133DBVRG4 TI1-TPS73133DBVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Similar Description - TPS73133DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com