Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1120S-A001AQ12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1120S-A001AQ12
Description  Hall Effect Incremental Rotary Shaft Encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1120S-A001AQ12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1120S-A001AQ12 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1120S-A001AQ12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensional Drawings
Wire Drawings
Series 1000 Standard
call for sealed dimensions
Series 3000 Standard
call for sealed dimensions
21
1
3
2
1
_—
Series
Shaft Diameter
1=1/4"(0.2497")
3=3/8" (0.3747)
Shaft Extension
1=Single
2=Double
Series
Shaft Diameter
1=1/4"(0.2497")
3=3/8" (0.3747)
Shaft Extension
1=Single
2=Double
Mounting Type
0=6-32 BHC on Ends
1=10-32 BHC on Shaft
Ends & Base
2=Flanged Base
(10-32 BHC on Shaft Ends)
3=No Holes on Base
(10-32 BHC on Ends)
Encoder Type
_=Standard Encoder
S=Sealed (Elastomer)
T=Sealed (PTFE)
A
Q
030
AQ12
A
Q
030
Channel Outputs
A=NPN w/Pullup Res.
B=NPN Open Collector
D=1.5K Pullup, No Ser. R (18V Max)
F=5Vdc w/Pullup Res.
G=5Vdc Open Collector
H=PNP Sourcing Outputs
Channel Types
S=Single Channel
Q=Quadrature Outputs
I=Index Pulse
PPR (Pulses per Revolution)
Channel Types “S” and “Q”
001
002
003
004
005
006
007
008
009
010
012
015
018
020
025
030
Added Channel Types “S” (Square Wave)
014
016
024
3
3
1
1
_—
Optional Index Channel or Add. Encoder
(Same types of Channel Outputs)
Order the Secondary Channel like a Primary Channel
PPR (Pulses per Revolution)
Channel Types “S” and “Q”
001
002
003
004
005
006
007
008
009
010
012
013
014
015
016
018
020
024
025
030
050
060
Added Channel Types “S” (Square Wave)
026
028
032
036
040
048
100
120
Ordering Information
Mounting Type
1=10-32 BHC on Shaft
Ends & Base
2=Flanged Base
(BHC on Shaft Ends)
3=No Holes on Base
(BHC on Shaft Ends)
Encoder Type
_=Standard Encoder
S=Sealed (Elastomer)
T=Sealed (PTFE)
Channel Outputs
A=NPN w/Pullup Res.
B=NPN Open Collector
D=1.5K Pullup, No Ser. R (18V Max)
F=5Vdc w/Pullup Res.
G=5Vdc Open Collector
H=PNP Sourcing Outputs
Channel Types
S=Single Channel
Q=Quadrature Outputs


Similar Part No. - 1120S-A001AQ12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1120 ETC1-1120 Datasheet
38Kb / 1P
   HIGH CURRENT RF CHOKES
logo
3M Electronics
1120 3M-1120 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
1120 3M-1120 Datasheet
309Kb / 4P
   Cushion-Mount??Plus Plate Mounting Tapes
logo
List of Unclassifed Man...
1120 ETC-1120 Datasheet
137Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1120 ALPHAWIRE-1120 Datasheet
98Kb / 4P
   Customer Specification
8/26/2022
More results

Similar Description - 1120S-A001AQ12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
523-AS06 ETC1-523-AS06 Datasheet
47Kb / 2P
   Hall Effect Incremental Rotary Shaft Encoders
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com