Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP375 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP375 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP375 Datasheet HTML 3Page - Vishay Siliconix MKP375 Datasheet HTML 4Page - Vishay Siliconix MKP375 Datasheet HTML 5Page - Vishay Siliconix MKP375 Datasheet HTML 6Page - Vishay Siliconix MKP375 Datasheet HTML 7Page - Vishay Siliconix MKP375 Datasheet HTML 8Page - Vishay Siliconix MKP375 Datasheet HTML 9Page - Vishay Siliconix MKP375 Datasheet HTML 10Page - Vishay Siliconix MKP375 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28127
254
Revision: 30-Nov-05
KP/MKP 375
Vishay BCcomponents
AC and Pulse Polypropylene Film
Capacitors KP/MKP
Radial Epoxy Lacquered Type
150
5.5
× 13.5 × 14.5
0.55
24151
2000
1100
160
0.55
24161
180
0.55
24181
200
0.55
24201
220
0.60
24221
240
0.60
24241
270
0.60
24271
300
0.60
24301
330
0.60
24331
360
0.60
24361
390
0.65
24391
430
0.70
24431
470
0.75
24471
510
0.75
24511
560
0.80
24561
620
0.80
24621
680
0.80
24681
750
0.70
24751
820
0.70
24821
910
0.70
24911
1000
6.0
× 14.0 × 14.5
0.75
24102
1750
1000
1100
0.85
24112
1200
0.90
24122
1300
0.85
24132
1500
0.90
24152
C (pF)
pitch = 15.0 ± 0.4 mm; dt = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
pitch
= 15.0 mm
1600
5.5
× 14.5 (16.0) × 18.5
1.1
24162
2000
26162
900
500
1100
1800
24182
26182
2000
24202
26202
2200
24222
26222
2400
24242
26242
2700
6.0
× 15.0 (16.5) × 18.5
1.2
24272
2000
26272
800
450
1000
3000
24302
26302
3300
24332
26332
3600
24362
26362
3900
24392
26392
4300
6.0
× 15.0 (16.5) × 18.5
1.2
24432
2000
26432
800
450
1000
4700
24472
26472
5100
24512
26512
5600
24562
26562
6200
24622
26622
6800
24682
26682
7500
7.0
× 16.0 (17.5) × 18.5
1.4
24752
1500
26752
700
400
800
8200
24822
26822
9100
24912
26912
10000
7.5
× 16.5 (18.0) × 18.5
1.6
24103
1250
26103
650
350
800
11000
8.0
× 17.0 (18.5) × 18.5
1.8
24113
1250
26113
600
350
750
12000
24123
26123
13000
8.5
× 17.5 (19.0) × 18.5
1.9
24133
1000
26133
550
300
700
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 5.0 ± 1.0 mm
all leads
REEL
500 mm
REEL
356 mm
REEL
500 mm
C-tol = ± 5 %
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
SPQ


Similar Part No. - MKP375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP375 ETC2-MKP375 Datasheet
1Mb / 54P
   AC and Pulse
More results

Similar Description - MKP375

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP479 VISHAY-MKP479 Datasheet
450Kb / 24P
   AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Revision: 21-Nov-05
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
   AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Revision: 26-Jul-06
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
KP460 VISHAY-KP460 Datasheet
232Kb / 11P
   Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Revision: 25-Aug-03
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com