Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38503 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38503
Description  BICMOS PFC/PWM COMBINATION CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC38503 Datasheet(HTML) 3 Page - Texas Instruments

  UCC38503 Datasheet HTML 1Page - Texas Instruments UCC38503 Datasheet HTML 2Page - Texas Instruments UCC38503 Datasheet HTML 3Page - Texas Instruments UCC38503 Datasheet HTML 4Page - Texas Instruments UCC38503 Datasheet HTML 5Page - Texas Instruments UCC38503 Datasheet HTML 6Page - Texas Instruments UCC38503 Datasheet HTML 7Page - Texas Instruments UCC38503 Datasheet HTML 8Page - Texas Instruments UCC38503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
3
www.ti.com
electrical characteristics TA = 0°C to 70°C for the UCC3850X, –40°C to 85°C for the UCC2850X,
TA = TJ, VCC = 12 V, RT = 22 kΩ, CT = 330 pF (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply current, off
VCC turn-on threshold –300 mV
150
300
µA
Supply current, on
VCC = 12 V (no load on GT1 or GT2)
4
6
mA
undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC turn-on threshold (UCCx8500/502)
15.4
16
16.6
V
UVLO hysteresis (UCCx8500/502)
5.8
6.3
V
Shunt voltage (UCCx8500/502)
IVCC = 10 mA
15.4
16.2
17.0
V
VCC turn-on threshold (UCCx8501/503)
9.7
10.2
10.8
V
VCC turn-off threshold
9.4
9.7
V
UVLO hysteresis (UCCx8501/503)
0.3
0.5
V
voltage amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
0
°C ≤ TA ≤ 70°C
7.387
7.500
7.613
V
Input voltage
–40
°C ≤ TA ≤ 85°C
7.35
7.50
7.65
V
VSENSE bias current
50
200
nA
Open loop gain
VAOUT = 2 V to 5 V
50
90
dB
High-level output voltage
ILOAD = –150 µA
5.3
5.5
5.6
V
Low-level output voltage
ILOAD = 150 µA
0.00
0.05
0.15
V
PFC overvoltage protection and enable
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Over voltage reference
VREF
+ 0.480
VREF
+ 0.500
VREF
+ 0.520
V
Hysteresis
300
500
600
mV
Enable threshold
1.7
1.9
2.1
V
Enable hysteresis
0.1
0.2
0.3
V
current amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input offset voltage
VCM = 0 V,
VCAOUT = 3 V
–6
0
6
mV
Input bias current
VCM = 0 V,
VCAOUT = 3 V
−50
−100
nA
Input offset current
VCM = 0 V,
VCAOUT = 3 V
25
100
nA
Open loop gain
VCM = 0 V,
VCAOUT = 2 V to 5 V
90
dB
Common−mode rejection ratio
VCM = 0 V to 1.5 V, VCAOUT = 3 V
90
dB
High-level output voltage
ILOAD = –120 µA
5.6
7.0
7.5
V
Low-level output voltage
ILOAD = 1 mA
0.1
0.2
0.5
V
Gain bandwidth product
See Note 1
2.5
MHz
NOTES:
1. Ensured by design. Not production tested.
2. See Figure 6 for reference variation.
3. See Figure 5 for reference variation for VCC < 10.8 V.


Similar Part No. - UCC38503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38503 TI-UCC38503 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
UCC38503 TI1-UCC38503 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC38503DW TI1-UCC38503DW Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC38503DWG4 TI1-UCC38503DWG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC38503DWTR TI1-UCC38503DWTR Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC38503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com