Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD179DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD179DR
Description  5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD179DR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD179DR Datasheet HTML 1Page - Texas Instruments SN65HVD179DR Datasheet HTML 2Page - Texas Instruments SN65HVD179DR Datasheet HTML 3Page - Texas Instruments SN65HVD179DR Datasheet HTML 4Page - Texas Instruments SN65HVD179DR Datasheet HTML 5Page - Texas Instruments SN65HVD179DR Datasheet HTML 6Page - Texas Instruments SN65HVD179DR Datasheet HTML 7Page - Texas Instruments SN65HVD179DR Datasheet HTML 8Page - Texas Instruments SN65HVD179DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
SN65HVD179
SLLS668A – FEBRUARY 2006 – REVISED MAY 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Positive-going differential input
VIT+
IO = –8 mA
0.2
threshold voltage
V
Negative-going differential input
VIT–
IO = 8 mA
–0.2
threshold voltage
Vhys
Hysteresis voltage (VIT+– VIT–)
50
mV
VID = 200 mV, IO = –8 mA, See Figure 6
4.0
VO
Output voltage
V
VID = –200 mV, IO = 8 mA, See Figure 6
0.3
VA or VB = 12 V
0.20
0.3
VA or VB = 12 V, VCC = 0 V
0.24
0.4
Other input
IA or IB
Bus input current
mA
at 0 V
VA or VB = –7 V
–0.35
–0.19
VA or VB = –7 V, VCC = 0 V
–0.25
–0.14
ICC
Supply current
D at 0 V or VCC and No Load
2.7
mA
(1)
All typical values are at 25°C and with a 5-V supply.
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
24
40
VI = 0 V to 3 V, CL = 15 pF,
tPHL
Propagation delay time, high-to-low-level output
ns
See Figure 7
tsk(p)
Pulse skew (|tPHL - tPLH|)
5
tsk(pp)(2) Part-to-part skew
5
ns
tr
Output signal rise time
2
4
ns
CL = 15 pF, See Figure 7
tf
Output signal fall time
2
4
ns
(1)
All typical values are at 25°C and with a 5-V supply
(2)
.tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
4
Submit Documentation Feedback


Similar Part No. - SN65HVD179DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1791 TI-SN65HVD1791 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791 TI-SN65HVD1791 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791 TI-SN65HVD1791 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1791 TI-SN65HVD1791 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1791D TI-SN65HVD1791D Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD179DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com