Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD995PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD995PCBZ
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD995PCBZ Datasheet(HTML) 5 Page - Analog Devices

  AD995PCBZ Datasheet HTML 1Page - Analog Devices AD995PCBZ Datasheet HTML 2Page - Analog Devices AD995PCBZ Datasheet HTML 3Page - Analog Devices AD995PCBZ Datasheet HTML 4Page - Analog Devices AD995PCBZ Datasheet HTML 5Page - Analog Devices AD995PCBZ Datasheet HTML 6Page - Analog Devices AD995PCBZ Datasheet HTML 7Page - Analog Devices AD995PCBZ Datasheet HTML 8Page - Analog Devices AD995PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PRELIMINARY TECHNICAL DATA
AD9957
Rev. PrF | Page 5 of 38
Parameter
Min
Typ
Max
Unit
CMOS LOGIC OUTPUTS (1 mA Load)
Logic 1 Voltage
2.8
V
Logic 0 Voltage
0.4
V
XTAL OUTPUT BUFFER SPECS
Logic 1 Voltage
1.6
V
Logic 0 Voltage
TBD
V
Output Current
TBD
mA
POWER CONSUMPTION
DVDD_I/O(3.3V) current consumption (QDUC mode)
mA
DVDD(1.8V) current consumption (QDUC mode)
mA
AVDD(3.3V) current consumption (QDUC mode)
mA
AVDD(1.8V) current consumption (QDUC mode)
mA
Single Tone Mode
500
mW
Continuous Modulation 255x Interpolation
TBD
1000
mW
Continuous Modulation 4x Interpolation
TBD
TBD
mW
Burst Modulation (25%) 255x Interpolation
TBD
TBD
mW
Burst Modulation (25%) 4x Interpolation
TBD
TBD
mW
Full-Sleep Mode
TBD
TBD
mW
Inverse Sinc Filter Power Consumption
150
TBD
mW
1 To achieve the best possible phase noise, the largest amplitude clock possible should be used. Reducing the clock input amplitude will
reduce the phase noise performance of the device.
2 Wake-up time refers to the recovery from analog power-down modes.
3 SYSCLK cycle refers to the actual clock frequency used on-chip by the DDS. If the reference clock multiplier is used to multiply the ex-
ternal reference clock frequency, the SYSCLK frequency is the external frequency multiplied by the reference clock multiplication factor.
If the reference clock multiplier and divider are not used, the SYSCLK frequency is the same as the external reference clock frequency.
Figure 2 Equivalent Input/Output (I/O) Circuits


Similar Part No. - AD995PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951PCB AD-AD9951PCB Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV AD-AD9951YSV Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV AD-AD9951YSV Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951YSV-REEL7 AD-AD9951YSV-REEL7 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
More results

Similar Description - AD995PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
   1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
REV. 0
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com