Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD995PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD995PCBZ
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD995PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD995PCBZ Datasheet HTML 7Page - Analog Devices AD995PCBZ Datasheet HTML 8Page - Analog Devices AD995PCBZ Datasheet HTML 9Page - Analog Devices AD995PCBZ Datasheet HTML 10Page - Analog Devices AD995PCBZ Datasheet HTML 11Page - Analog Devices AD995PCBZ Datasheet HTML 12Page - Analog Devices AD995PCBZ Datasheet HTML 13Page - Analog Devices AD995PCBZ Datasheet HTML 14Page - Analog Devices AD995PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
PRELIMINARY TECHNICAL DATA
AD9957
Rev. PrF | Page 11 of 38
DDS
cos( t+ )
sin( t+ )
DAC
(14 -b)
FTW
CCI
(1x -63x)
CI
C
(1x - 63x)
Halfband
Filter s
Inte rna l Clock Timing & Control
PDClk
Seria l I/O
Port
Programming
Regis ters
2
3
Clock
Multiplier
RefClk
RefClk
RA M
Halfband
Filter s
Inv.
CCI
Inv.
CCI
Po wer
Down
Control
DAC
Rs et
Iout
Iout
0
1
0
1
F
O
R
M
A
T
T
E
R
0
1
IQ
0
3
2
1
0
1
x
sin(x)
TxEn
AUX
DAC
(8-b)
I
Q
2
1
2
PW
8
DAC
Gain
2
2
(4x)
(4x)
IS
QS
IS
QS
FTW
PW OSF
OSF
I In
Q In
Halfband
Filter s
Halfband
Filter s
(4x)
(4x)
Serial Data
Timing and
Control
Fixed
Interpolators
Programmable
Interpolators
Quadrature
Modulator
Inverse Sinc
Filter
Figure 4: Quadrature Modulation Mode -- BlackFin Interface
SIGNAL PROCESSING (QDUC & BFI MODES)
To better understand the operation of the AD9957 it is helpful
to follow the signal path in quadrature modulation mode from
the parallel data port to the output of the DAC, examining the
function of each block (refer to Figure 4).
All timing within the AD9957 is provided by the internal sys-
tem clock (SYSCLK) signal, which is generated from the timing
source provided to the REFCLK pins.
PDCLK Pin
The timing of input data supplied to the AD9957 is easily facili-
tated with the PDCLK output pin, which serves as a data clock
timing source. In QDUC mode, PDCLK controls the timing of
the 18-bit parallel input port. In BFI mode, PDCLK controls
the timing of the dual serial input port. The PDCLK is provided
as a continuous clock (i.e., always active). However, even
though the PDCLK output is active by default, it can be disabled
via the Enable PDCLK bit in the register map.
In QDUC mode, the AD9957 expects alternating I and Q data
words at the parallel port (see Figure 5). Each rising edge of
PDCLK captures one 16-bit word; that is, two PDCLK cycles
per I/Q pair.. In BFI mode, the AD9957 expects two serial bit
streams each segmented into 16-bit words with each rising edge
of PDCLK indicating a new bit. In either case, the output clock
rate is fDATA as explained in the Input Data Assembler section.
TxEnable Pin
The rising edge of the TxENABLE signal is used to synchronize
the device. While TxENABLE is in the Logic 0 state, the device
ignores the data applied to the parallel port allowing the inter-
nal data path to be flushed by forcing zeros down the I and Q
data pathways. On the rising edge of TxENABLE, the device is
ready for the first I word. The first I word is latched into the
device coincident with the rising edge of PDCLK. The next
rising edge of PDCLK latches in a Q word, etc., until
TxENABLE is set to a Logic 0 state by the user.
It is important that the user ensure an even number of PDCLK
intervals are observed during any given TxENABLE period. The
device must capture both an I and a Q sample before the data is
processed along the signal chain.
In BFI mode, operation of the TxENABLE pin is similar except
that instead of the rising edge marking the first "I word", it
marks the first I (and Q) bit in a serial frame.
It is important that the user ensure a multiple of 16 PDCLK
cycles are observed during any given TxENABLE period. The
device must capture a full 16-bit I and Q sample before the data
is processed along the signal chain.
The timing relationship between TxENABLE, PDCLK, and


Similar Part No. - AD995PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951PCB AD-AD9951PCB Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV AD-AD9951YSV Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV AD-AD9951YSV Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951YSV-REEL7 AD-AD9951YSV-REEL7 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
More results

Similar Description - AD995PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
   1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
REV. 0
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com