Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25115SDX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25115SDX
Description  Secondary Side Post Regulator Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25115SDX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM25115SDX Datasheet HTML 6Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 7Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 8Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 9Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 10Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 11Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 12Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 13Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Synchronization (SYNC) and Feed-forward (RAMP) (Continued)
The recommended SYNC input current range is 50µA to
150µA. The SYNC pin resistor (R
SYNC) should be selected to
set the SYNC current (I
SYNC) to 150µA with the maximum
phase signal amplitude, V
PHASE(max). This will guarantee
that I
SYNC stays within the recommended range over a 3:1
change in phase signal amplitude. The SYNC pin resistor is
therefore:
R
SYNC =(VPHASE(max) / 150µA) - 2.5k
Once I
SYNC has been established by selecting RSYNC, the
RAMP signal amplitude may be programmed by selecting
the proper RAMP pin capacitor value. The recommended
peak amplitude of the RAMP waveform is 1V to 1.75V. The
C
RAMP capacitor is chosen to provide the desired RAMP
amplitude with the nominal phase signal voltage and pulse
width.
C
RAMP =(3xISYNC xTON )/VRAMP
Where
C
RAMP = RAMP pin capacitance
I
SYNC = SYNC pin current current
T
ON = corresponding phase signal pulse width
V
RAMP = desired RAMP amplitude (1V to 1.75V)
For example,
Main channel output = 3.3V. Phase signal maximum ampli-
tude = 12V. Phase signal frequency = 250kHz
Set I
SYNC = 150µA with phase signal at maximum ampli-
tude (12V):
I
SYNC = 150µA = VPHASE(max) /(RSYNC + 2.5 k
Ω) = 12V /
(R
SYNC + 2.5 k
Ω)
R
SYNC = 12V/150µA - 2.5k
Ω = 77.5kΩ
T
ON = Main channel duty cycle / Phase frequency =
(3.3V/12V) / 250kHz = 1.1µs
Assume desired V
RAMP = 1.5V
C
RAMP =(3xISYNC xTON )/VRAMP = (3 x 150µA x 1.1µs)
/ 1.5V
C
RAMP = 330pF
Error Amplifier and Soft-Start (FB,
CO, & COMP, SS)
An internal wide bandwidth error amplifier is provided within
the LM25115 for voltage feedback to the PWM controller.
The amplifier’s inverting input is connected to the FB pin.
The output of the auxiliary converter is regulated by connect-
ing a voltage setting resistor divider between the output and
the FB pin. Loop compensation networks are connected
between the FB pin and the error amplifier output (COMP).
The amplifier’s non-inverting input is internally connected to
the SS pin. The SS pin is biased at 0.75V by a resistor
divider connected to the internal 1.27V bandgap reference.
When the VCC voltage is below the UVLO threshold, the SS
pin is discharged to ground. When VCC rises and exceeds
the positive going UVLO threshold (4.25V), the SS pin is
released and allowed to rise. If an external capacitor is
connected to the SS pin, it will be charged by the internal
resistor divider to gradually increase the non-inverting input
of the error amplifier to 0.75V. The equivalent impedance of
the SS resistor divider is nominally 60k
Ω which determines
the charging time constant of the SS capacitor. During start-
up, the output of the LM25115 converter will follow the
exponential equation:
VOUT(t) = VOUT(final) x (1 - exp(-t/R
SS xCSS))
Where
Rss = internal resistance of SS pin (60k
Ω)
Css = external Soft-Start capacitor
VOUT(final) = regulator output set point
The initial
∆v/ ∆t of the output voltage is VOUT(final) / Rss x
Css and VOUT will be within 1% of the final regulation level
after 4.6 time constants or when t = 4.6 x Rss x Css.
Pull-up current for the error amplifier output is provided by an
internal 300µA current source. The PWM threshold signal at
the COMP pin can be controlled by either the open drain
error amplifier or the open drain current amplifier connected
through the CO pin to COMP. Since the internal error ampli-
fier is configured as an open drain output it can be disabled
by connecting FB to ground. The current sense amplifier and
current limiting function will be described in a later section.
20172613
FIGURE 3. Line Feed-forward Waveforms
www.national.com
10


Similar Part No. - LM25115SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25115SDX/NOPB TI-LM25115SDX/NOPB Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
More results

Similar Description - LM25115SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com