Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL1404ZL Datasheet(PDF) 7 Page - International Rectifier

Part # IRL1404ZL
Description  AUTOMOTIVE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1404ZL Datasheet(HTML) 7 Page - International Rectifier

Back Button IRL1404ZL Datasheet HTML 3Page - International Rectifier IRL1404ZL Datasheet HTML 4Page - International Rectifier IRL1404ZL Datasheet HTML 5Page - International Rectifier IRL1404ZL Datasheet HTML 6Page - International Rectifier IRL1404ZL Datasheet HTML 7Page - International Rectifier IRL1404ZL Datasheet HTML 8Page - International Rectifier IRL1404ZL Datasheet HTML 9Page - International Rectifier IRL1404ZL Datasheet HTML 10Page - International Rectifier IRL1404ZL Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRL1404Z/S/L
www.irf.com
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7. DT = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
'
'
'
'
'
†gˆÂ…qi




5
ˆg
xg
€i
tq
Â7
‡„
„q
۠
Â5

#
8‡†‘Â7‘ixqÂ1ÂSu€sxqÂP‡x…q

5xx‰qp gˆgxg€itq 7‡„„q€†Â ˆ…Â
gˆgxg€itq ‚‡x…q‰up†t †gˆÂ
g……‡yu€s ' Tv 1 #u7 p‡q †Â
gˆgxg€itqÂx……q…








S†g„†u€sÂTDÂÂD‡€i†u€ÂTqy‚q„g†‡„qÂu7






9
5
R
ÂÂ
5
ˆg
xg
€i
tq
Â9
€q
„s
‘Â
y
D
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 75A


Similar Part No. - IRL1404ZL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL1404ZLPBF IRF-IRL1404ZLPBF Datasheet
793Kb / 13P
   AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
More results

Similar Description - IRL1404ZL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com