Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PJ78L00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

Part No. PJ78L00
Description  3-Terminal Low Current Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PJ78L00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
PJ78L00
3-Terminal Low Current Positive Voltage Regulators
4-8
2002/07.rev.A
(VI =19V, Io=40mA, CI =0.33
µF, Co=0.1µF, 0< TJ <+125°C unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage (TJ =+25)
Vo
11.5
12
12.5
Vdc
Line Regulation(TJ =+25, Io=40mA)
14.5V
VI 27V
16V
TJ 27V
REGline
--
--
120
100
250
200
mV
Load Regulation
TJ =+25, 1.0mA
Io100mA
TJ =+25, 1.0mA
Io40mA
REGload
20
10
100
50
mV
Output Voltage
14.5V
VI 27V, 1.0mAIo40mA
VI =19V, 1.0mA
Io70mA
Vo
11.4
11.4
--
--
12.6
12.6
Vdc
Input Bias Current
(TJ =+25)
(TJ =+125)
IIB
--
--
42
--
6.5
6.0
mA
Input Bias Current Change
16V
VI 27V
1.0mA
Io40mA
I
IB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25, 10Hz
f100KHz)
Vn
--
80
--
µV
Ripple Rejection
(Io=40mA, f=120Hz, 15V
VI 25V, TJ =+25)
RR
36
42
--
dB
Dropout Voltage(TJ =+25)
Vi-Vo
--
1.7
--
Vdc
(VI =23V, Io=40mA, CI =0.33
µF, Co=0.1µF, 0℃ < TJ <+125°C unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage (TJ =+25℃)
Vo
14.4
15
15.6
Vdc
Line Regulation(TJ =+25℃, Io=40mA)
17.5V
VI ≤30V
20V
VI ≤30V
REGline
--
--
130
110
300
250
mV
Load Regulation
TJ
=+25
°C, 1.0mA≤Io≤100mA
TJ
=+25
°C, 1.0mA≤Io≤40mA
REGload
--
--
25
12
150
75
mV
Output Voltage
17.5V< VI <30V, 1.0mA
≤Io≤40mA
VI
=23V, 1.0mA
≤Io≤70mA
Vo
14.25
14.25
--
--
15.75
15.75
Vdc
Input Bias Current
(TJ =+25℃)
(TJ =+125℃)
IIB
--
--
4.4
--
6.5
6.0
mA
Input Bias Current Change
20V
VI ≤30V
1.0mA
≤Io≤40mA
∆IIB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25
°C, 10Hz≤f≤100KHz)
Vn
--
90
--
µV
Ripple Rejection
(Io=40mA, f=120Hz,18.5V
VI ≤28.5V, TJ =+25°C)
RR
34
39
--
dB
Dropout Voltage
(TJ =+25
°C)
Vi-Vo
--
1.7
--
Vdc
PJ78L12 ELECTRICAL CHARACTERISTICS
PJ78L15 ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn