Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PJ78L00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

Part No. PJ78L00
Description  3-Terminal Low Current Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PJ78L00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
PJ78L00
3-Terminal Low Current Positive Voltage Regulators
5-8
2002/07.rev.A
(VI =27V, Io=40mA, CI =0.33
µF, Co=0.1µF, 0°C < TJ <+125°C unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage (TJ =+25
°C)
Vo
17.3
18
18.7
Vdc
Line Regulation(TJ =+25
°C, Io=40mA)
20.7V
VI 33V
21V
VI 33V
REGline
--
--
45
35
325
275
mV
Load Regulation
TJ =+25
°C, 1.0mAIo100mA
TJ =+25
°C, 1.0mAIo40mA
REGload
--
--
30
15
170
85
mV
Output Voltage
21.5V
VI 33V, 1.0mAIo40mA
Vi=27V, 1.0mA
Io70mA
Vo
17.1
17.1
--
--
18.9
18.9
Vdc
Input Bias Current
(TJ =+25
°C)
(TJ =+125
°C)
IIB
--
--
3.1
--
6.5
6.0
mA
Input Bias Current Change
22V
VI 33V
1.0mA
Io40mA
∆IIB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25
°C, 10Hzf100KHz)
Vn
--
150
--
µV
Ripple Rejection
(Io=40mA, f=120Hz, 23V
VI 33V, TJ =+25°C)
RR
31
45
--
dB
Dropout Voltage (TJ =+25
°C)
Vi-Vo
--
1.7
--
Vdc
(VI =33V, Io=40mA, CI =0.33
µF, Co=0.1µF, 0°C < TJ <+125°C unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage
(TJ =+25
°C)
Vo
23
24
24
Vdc
Line Regulation(TJ =+25
°C, Io=40mA)
27.5V
VI ≤38V
28V
VI ≤80V
REGline
--
--
50
60
350
300
mV
Load Regulation
TJ
=+25
°C, 1.0mA≤Io≤100mA
TJ
=+25
°C, 1.0mA≤Io≤40mA
REGload
--
--
40
20
200
100
mV
Output Voltage
28V
VI ≤38V, 1.0mA≤Io≤40mA
28V
VI ≤33V, 1.0mA≤Io≤70mA
Vo
22.8
22.8
--
--
25.2
25.2
Vdc
Input Bias Current
(TJ =+25
°C)
(TJ =+125
°C)
IIB
--
--
3.1
--
6.5
6.0
mA
Input Bias Current Change
28V
VI ≤38V
1.0mA
≤Io≤40mA
∆IIB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25
°C, 10Hz≤f≤100KHz)
Vn
--
200
--
µV
Ripple Rejection
(Io=40mA, f=120Hz, 29V
VI ≤35V, TJ =+25°C)
RR
31
45
--
dB
Dropout Voltage
(TJ =+25
°C)
Vi-Vo
--
1.7
--
Vdc
PJ78L18 ELECTRICAL CHARACTERISTICS
PJ78L24 ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn