Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF904 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF904
Description  N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF904 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF904 Datasheet HTML 2Page - NXP Semiconductors BF904 Datasheet HTML 3Page - NXP Semiconductors BF904 Datasheet HTML 4Page - NXP Semiconductors BF904 Datasheet HTML 5Page - NXP Semiconductors BF904 Datasheet HTML 6Page - NXP Semiconductors BF904 Datasheet HTML 7Page - NXP Semiconductors BF904 Datasheet HTML 8Page - NXP Semiconductors BF904 Datasheet HTML 9Page - NXP Semiconductors BF904 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 May 17
6
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
Fig.8 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
20
8
12
16
4
0
210
MLD269
46
8
I D
(mA)
V
(V)
DS
1.3 V
1.2 V
1.1 V
1.0 V
0.9 V
V
= 1.4 V
G1 S
Fig.9
Gate 1 current as a function of gate 1
voltage; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
150
100
50
0
0.5
2.5
MLD271
1.0
1.5
2.0
I G1
(
µA)
V
(V)
G1 S
3.5 V
2.5 V
2 V
3 V
V
= 4 V
G2 S
Fig.10 Forward transfer admittance as a
function of drain current; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
40
30
20
10
0
4
8
12
16
20
MLD272
y fs
(mS)
I
(mA)
D
3 V
2.5 V
2 V
V
= 4 V
G2 S
3.5 V
Fig.11 Drain current as a function of gate 1 current;
typical values.
VDS =5V.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
16
8
12
4
0
10
50
MLD273
20
30
40
I D
(mA)
I
(
µA)
G1


Similar Part No. - BF904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904 NXP-BF904 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
BF904A NXP-BF904A Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
BF904A NXP-BF904A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF904

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com