Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF904AWR Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF904AWR
Description  N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF904AWR Datasheet(HTML) 2 Page - NXP Semiconductors

  BF904AWR Datasheet HTML 1Page - NXP Semiconductors BF904AWR Datasheet HTML 2Page - NXP Semiconductors BF904AWR Datasheet HTML 3Page - NXP Semiconductors BF904AWR Datasheet HTML 4Page - NXP Semiconductors BF904AWR Datasheet HTML 5Page - NXP Semiconductors BF904AWR Datasheet HTML 6Page - NXP Semiconductors BF904AWR Datasheet HTML 7Page - NXP Semiconductors BF904AWR Datasheet HTML 8Page - NXP Semiconductors BF904AWR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 May 14
2
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
FEATURES
• Specially designed for use at 5 V
supply voltage
• Short channel transistor with high
transfer admittance to input
capacitance ratio
• Low noise gain controlled amplifier
up to 1 GHz
• Superior cross-modulation
performance during AGC.
APPLICATIONS
• VHF and UHF applications with
3 to 7 V supply voltage such as
television tuners and professional
communications equipment.
DESCRIPTION
Enhancement type field-effect
transistors. The transistors consist of
an amplifier MOS-FET with source
and substrate interconnected and an
internal bias circuit to ensure good
cross-modulation performance during
AGC.
The BF904A, BF904AR and
BF904AWR are encapsulated in the
SOT143B, SOT143R and SOT343R
plastic packages respectively.
PINNING
PIN
DESCRIPTION
1
source
2
drain
3
gate 2
4
gate 1
Fig.1
Simplified outline
(SOT143B).
BF904A marking code: M41.
handbook, 2 columns
Top view
MSB014
12
3
4
Fig.2
Simplified outline
(SOT143R).
BF904AR marking code: M42.
handbook, 2 columns
Top view
MSB035
1
2
4
3
Fig.3
Simplified outline
(SOT343R).
BF904AWR marking code: MH.
halfpage
Top view
MSB842
21
4
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
7V
ID
drain current
−−
30
mA
Ptot
total power dissipation
Ts ≤ 110 °C
−−
200
mW
y
fs
forward transfer admittance
22
25
30
mS
Cig1-ss
input capacitance at gate 1
2.2
2.6
pF
Crss
reverse transfer capacitance
f = 1 MHz
25
35
fF
F
noise figure
f = 800 MHz
2
dB
Tj
operating junction temperature
−−
150
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.


Similar Part No. - BF904AWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF904AWR NXP-BF904AWR Datasheet
308Kb / 15P
   N-channel dual gate MOS-FETs
Rev. 04-13 November 2007
BF904AWR NXP-BF904AWR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF904AWR

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com