Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5385-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5385-EVALZ
Description  50 MHz to 2200 MHz Quadrature Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADL5385-EVALZ Datasheet HTML 1Page - Analog Devices ADL5385-EVALZ Datasheet HTML 2Page - Analog Devices ADL5385-EVALZ Datasheet HTML 3Page - Analog Devices ADL5385-EVALZ Datasheet HTML 4Page - Analog Devices ADL5385-EVALZ Datasheet HTML 5Page - Analog Devices ADL5385-EVALZ Datasheet HTML 6Page - Analog Devices ADL5385-EVALZ Datasheet HTML 7Page - Analog Devices ADL5385-EVALZ Datasheet HTML 8Page - Analog Devices ADL5385-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5385
Rev. 0 | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 5 dBm
−80
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 5 dBm
−53
dBc
Output IP2
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
71
dBm
Output IP3
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
26
dBm
Quadrature Phase Error
0.39
degrees
I/Q Amplitude Balance
−0.03
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−159
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−157
dBm/Hz
Output Return Loss
−21
dB
OUTPUT FREQUENCY = 860 MHz
Output Power
Single (lower) sideband output
2.5
5.3
6.5
dBm
Output P1 dB
11
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−41
−35
dBm
@ +85°C after optimization at +25°C
−63
dBm
@ −40°C after optimization at +25°C
−65
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−41
−35
dBc
@ +85°C after optimization at +25°C
−58
dBc
@ −40°C after optimization at +25°C
−59
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 5 dBm
−73
−57
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 5 dBm
−50
−45
dBc
Output IP2
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
70
dBm
Output IP3
F1 = +3.5 MHz, F2 = +4.5 MHz, POUT = −3 dBm per tone
25
dBm
Quadrature Phase Error
0.67
degrees
I/Q Amplitude Balance
−0.03
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−159
dBm/Hz
20 MHz offset from LO, output power = −5 dBm
−157
dBm/Hz
Output Return Loss
−19
dB
OUTPUT FREQUENCY =
1450 MHz
Output Power
Single (lower) sideband output
4.4
dBm
Output P1 dB
10
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−36
dBm
@ +85°C after optimization at +25°C
−50
dBm
@ −40°C after optimization at +25°C
−50
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−44
dBc
@ +85°C after optimization at +25°C
−61
dBc
@ −40°C after optimization at +25°C
−51
dBc
Second Baseband Harmonic
(FLO − (2 × FBB)), POUT = 4 dBm
−64
dBc
Third Baseband Harmonic
(FLO + (3 × FBB)), POUT = 4 dBm
−52
dBc
Output IP2
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
63
dBm
Output IP3
F1 = 3.5 MHz, F2 = 4.5 MHz, POUT = −3 dBm per tone
24
dBm
Quadrature Phase Error
0.42
degrees
I/Q Amplitude Balance
−0.02
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 500 mV
−160
dBm/Hz
Output Return Loss
−33
dB
OUTPUT FREQUENCY =
1900 MHz
Output Power
Single (lower) sideband output
3.4
dBm
Output P1 dB
9
dBm
Carrier Feedthrough
Unadjusted (nominal drive level)
−35
dBm
@ +85°C after optimization at +25°C
−51
dBm
@ −40°C after optimization at +25°C
−51
dBm
Sideband Suppression
Unadjusted (nominal drive level)
−33
dBc


Similar Part No. - ADL5385-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5385 AD-ADL5385 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADL5385-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com