Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ0265RN Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSQ0265RN
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0265RN Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSQ0265RN Datasheet HTML 2Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 3Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 4Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 5Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 6Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 7Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 8Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 9Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365RN, FSQ0265RN, FSQ0165RN, FSQ311 Rev. 1.0.0
6
Electrical Characteristics
(Continued)
TA = 25°C unless otherwise specified.
Notes:
13. Though guaranteed, it is not tested in the mass production.
14. Propagation delay in the control IC.
15. Include gate turn-on time.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
CONTROL SECTION
tON.MAX
Maximum ON Time
TJ = 25°C
10.5 12.0 13.5 µsec
tB
Blanking Time
13.2 15.0 16.8 µsec
tW
Detection Time Window
TJ = 25°C, Vsync = 0V
3.0
µsec
fS
Initial Switching Frequency
50.5 55.6 61.7 kHz
Δ
fS
Switching Frequency Variation(13)
-25°C < TJ < 85°C
±5
±10
%
IFB
Feedback Source Current
VFB = 0V
700
900 1100
µA
DMIN
Minimum Duty Cycle
VFB = 0V
0
%
VSTART
UVLO Threshold Voltage
11
12
13
V
VSTOP
After turn-on
7
8
9
V
tS/S
Internal Soft-Start Time
With free-running frequency
15
ms
BURST-MODE SECTION
VBURH
Burst-Mode Voltages
TJ = 25°C, tPD = 200ns(14)
0.45 0.55 0.65
V
VBURL
0.25 0.35 0.45
V
Hysteresis
200
mV
PROTECTION SECTION
ILIMIT
Peak Current Limit
FSQ0365RN
TJ = 25°C, di/dt = 240mA/µsec 1.32 1.50 1.68
A
FSQ0265RN
TJ = 25°C, di/dt = 200mA/µsec 1.06 1.20 1.34
FSQ0165RN
TJ = 25°C, di/dt = 150mA/µsec 0.8
0.9
1.0
FSQ311
TJ = 25°C, di/dt = 100mA/µsec 0.53 0.60 0.67
VSD
Shutdown Feedback Voltage
VCC = 15V
5.5
6.0
6.5
V
IDELAY
Shutdown Delay Current
VFB = 5V
4
5
6
µA
tLEB
Leading-Edge Blanking Time(13)
200
ns
VOVP
Over-Voltage Protection
VCC = 15V, VFB = 2V
5.5
6.0
6.5
V
tOVP
Over-Voltage Protection Blanking Time
2
3
4
µsec
TSD
Thermal Shutdown Temperature(13)
125
140
155
°C
SYNC SECTION
VSH
Sync Threshold Voltage
0.55 0.70 0.85
V
VSL
0.14 0.20 0.26
V
tsync
Sync Delay Time(13)(15)
300
ns
TOTAL DEVICE SECTION
IOP
Operating Supply Current
(Control Part Only)
VCC = 15V
1
3
5
mA
ISTART
Start Current
VCC = VSTART - 0.1V
(before VCC reaches VSTART)
270
360
450
µA
ICH
Start-up Charging Current
VCC = 0V, VSTR = min. 40V
0.65 0.85 1.00
mA
VSTR
Minimum VSTR Supply Voltage
26
V


Similar Part No. - FSQ0265RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0265RN FAIRCHILD-FSQ0265RN Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ0265RN FAIRCHILD-FSQ0265RN Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ0265RN FAIRCHILD-FSQ0265RN Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSQ0265RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com