Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC723482W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC723482W
Description  Low-Voltage ETR-Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723482W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC723482W Datasheet HTML 1Page - Sanyo Semicon Device LC723482W Datasheet HTML 2Page - Sanyo Semicon Device LC723482W Datasheet HTML 3Page - Sanyo Semicon Device LC723482W Datasheet HTML 4Page - Sanyo Semicon Device LC723482W Datasheet HTML 5Page - Sanyo Semicon Device LC723482W Datasheet HTML 6Page - Sanyo Semicon Device LC723482W Datasheet HTML 7Page - Sanyo Semicon Device LC723482W Datasheet HTML 8Page - Sanyo Semicon Device LC723482W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
No. 7253-4/15
LC723481W/2W/3W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
IIH(1)
XIN: VI = VDD = 3.0 V
3
µA
Input high-level current
IIH(2)
FMIN, AMIN, HCTR: VI = VDD = 3.0 V
3
8
20
µA
PA/PF (without pull-down resistors), the PC,
IIH(3)
PD, PG, PH, ports,
3
µA
and BRES: VI = VDD = 3.0 V
IIL(1)
XIN: VDD = VSS
–3
µA
Input low-level current
IIL(2)
FMIN, AMIN, HCTR: VI = VDD = VSS
–3
–8
–20
µA
PA/PF (without pull-down resistors), the PC,
IIL(3)
PD, PG, PH, ports,
–3
µA
and BRES: VI = VDD = VSS
Input floating voltage
VIF
PA/PF (with pull-down resistors)
0.05 VDD
V
Pull-down resistor values
RPD(1)
PA/PF (with pull-down resistors), VDD = 3.0 V
75
100
200
k
RPD(2)
TEST1, TEST2
10
k
Hysteresis
VH
BRES
0.1 VDD
0.2 VDD
V
Voltage doubler reference voltage
DBR4
Referenced to VDD, C(3) = 0.47 µF,
1.3
1.5
1.7
V
Ta = 25°C *1
Voltage doubler step-up voltage
DBR1, 2, 3
C(1) = 0.47 µF
2.7
3.0
3.3
V
C(2) = 0.47 µF, without loading, Ta = 25°C *1
VOH(1)
PB: IO = –1 mA
VDD
VDD
V
0.7 VDD
0.3 VDD
VOH(2)
PC, PD, PG, PH, : IO = –1 mA
VDD
V
0.3 VDD
VOH(3)
EO: IO = –500 µA
VDD
V
Output high-level voltage
0.3 VDD
VOH(4)
XOUT: IO = 200 µA
VDD
V
0.3 VDD
VOH(5)
S1 to S20: IO = –20 µA *1
2.0
V
VOH(6)
COM1, COM2, COM3, COM4:
2.0
V
IO = –100 µA *1
VOL(1)
PB: IO = –50 µA
0.3 VDD
0.7 VDD
V
VOL(2)
PC, PD, PG, PH, PE: IO = –1 mA
0.3 VDD
V
VOL(3)
EO: IO = –500 µA
0.3 VDD
V
VOL(4)
XOUT: IO = –200 µA
0.3 VDD
V
Output low-level voltage
VOL(5)
S1 to S20: IO = –20 µA *1
1.0
V
VOL(6)
COM1, COM2, COM3, COM4:
1.0
V
IO = –100 µA *1
VOL(7)
PE: IO = 2 mA
1.0
V
VOL(8)
AOUT (AIN = 1.3 V), TU: IO = 1 mA, VDD = 3 V
0.5
V
Output off leakage current
IOFF(1)
Ports PB, PC, PD, PG, PH and EO
–3
+3
µA
IOFF(2)
AOUT, PE and port TU
–100
+100
nA
A/D converter error
ADI0, ADI1, ADI3, VDD(4)
–1/2
+1/2
LSB
IDD(1)
VDD(1): FIN(2) 130 MHz, Ta = 25°C
5
mA
IDD(2)
VDD(2): In HALT mode, Ta = 25°C *2
0.1
mA
Current drain
IDD(3)
VDD = 3.6 V, with the oscillator stopped,
1
µA
Ta = 25°C *3
IDD(4)
VDD = 1.8 V, with the oscillator stopped,
0.5
µA
Ta = 25°C *3
Electrical Characteristics within the allowable operating ranges
Note: The halt mode current is due to the CPU executing 20 instruction steps every 125 ms.


Similar Part No. - LC723482W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72348W SANYO-LC72348W Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results

Similar Description - LC723482W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com