Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC723483W Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC723483W
Description  Low-Voltage ETR-Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723483W Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC723483W Datasheet HTML 2Page - Sanyo Semicon Device LC723483W Datasheet HTML 3Page - Sanyo Semicon Device LC723483W Datasheet HTML 4Page - Sanyo Semicon Device LC723483W Datasheet HTML 5Page - Sanyo Semicon Device LC723483W Datasheet HTML 6Page - Sanyo Semicon Device LC723483W Datasheet HTML 7Page - Sanyo Semicon Device LC723483W Datasheet HTML 8Page - Sanyo Semicon Device LC723483W Datasheet HTML 9Page - Sanyo Semicon Device LC723483W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Block Diagram
No. 7253-6/15
LC723481W/2W/3W
PHASE
DETECTOR
REFERENCE DIVIDER
DIVIDER
SYSTEM CLOCK
GENERATOR
PROGRAMMBLE DIVIDER
DIVIDER
1/16, 1/17
SEG
LA
P-ON
RESET
1/2
TIME BASE
CONTROL
UNIVERSAL
COUNTER
(20bits)
BANK
COUNT
END
ADDRESS
DECODER
DATA BUS
TIMER 0
JUDGE
ALU
CF
SKIP
BANK
LATCH
A
STACK
4
14
14
ADDRESS COUNTER
ADDRESS DECODER
ROM
2k
× 16bits(LC723481)
3k
× 16bits(LC723482)
4k
× 16bits(LC723483)
RAM
128
×
×
4bits(LC723481)
256
×4bits(LC723483)
192 4bits(LC723482)
BUS
CONTROL
JMP
CAL
RETURN
INTERRUPT
RESET
INSTRUCTION
DECODER
PLL DATA LATCH
PLL CONTROL
FM LOCAL 1/256
AM LOCAL 1/2, 1/4, 1/8, 1/16
DATA
LATCH
BUS
DRIVER
DATA
LATCH
BUS
DRIVER
BUS
DRIVER
XIN
XOUT
FMIN
PC2
PC1
PC0
PC3
PA3
PA2
PA1
PA0
TEST2
TEST1
BRES
*
AMIN
S16/PH0
S15/PH1
S13/PH3
S14/PH2
LCD
PORT
DRIVER
LCPA/B
LCDA/B
EO
S12
S1
1/2
HCTR
VSS
VDD
PB2
PB1
PB0
PB3
*
DATA
LATCH
BUS
DRIVER
PD2
PD1
INT/PD0
PD3
LATCH
B
PE0/BEEP
COM1
COM2
COM3
COM4
DBR4
DBR3
DBR2
DBR1
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
MPX
(5bits)
MPX
MPX
BEEP TONE
COMMON
DRIVER
DOUBLER
CIRCUIT
DATA
LATCH
BUS
DRIVER
DATA
LATCH
/
/
BUS
DRIVER
7
80
PF1/ADI1
PF0/ADI0
PE1
PF2/ADI3
TU
75kHz
1/8
S20/PG0
S19/PG1
S17/PG3
S18/PG2
/
/
/
AIN
AOUT


Similar Part No. - LC723483W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72348W SANYO-LC72348W Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results

Similar Description - LC723483W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com