Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCTXXXAN Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74HCTXXXAN
Description  OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCTXXXAN Datasheet(HTML) 1 Page - Motorola, Inc

  MC74HCTXXXAN Datasheet HTML 1Page - Motorola, Inc MC74HCTXXXAN Datasheet HTML 2Page - Motorola, Inc MC74HCTXXXAN Datasheet HTML 3Page - Motorola, Inc MC74HCTXXXAN Datasheet HTML 4Page - Motorola, Inc MC74HCTXXXAN Datasheet HTML 5Page - Motorola, Inc MC74HCTXXXAN Datasheet HTML 6Page - Motorola, Inc MC74HCTXXXAN Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 7
© Motorola, Inc. 1997
2/97
Octal 3-State Noninverting
D Flip-Flop with
LSTTL-Compatible Inputs
High–Performance Silicon–Gate CMOS
The MC54/74HCT374A may be used as a level converter for
interfacing TTL or NMOS outputs to High–Speed CMOS inputs.
The HCT374A is identical in pinout to the LS374.
Data meeting the setup and hold time is clocked to the outputs with the
rising edge of Clock. The Output Enable does not affect the state of the
flip–flops, but when Output Enable is high, the outputs are forced to the
high–impedance state. Thus, data may be stored even when the outputs
are not enabled.
The HCT374A is identical in function to the HCT574A, which has the
input pins on the opposite side of the package from the output pins. This
device is similar in function to the HCT534A, which has inverting outputs.
• Output Drive Capability: 15 LSTTL Loads
• TTL/NMOS–Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 276 FETs or 69 Equivalent Gates
• Improvements over HCT374
— Improved Propagation Delays
— 50% Lower Quiescent Power
— Improved Input Noise and Latchup Immunity
Design Criteria
Value
Units
Internal Gate Count*
69
ea.
Internal Gate Propagation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
µW
Speed Power Product
.0075
pJ
* Equivalent to a two–input NAND gate.
MC54/74HCT374A
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
LH
H
LL
L
L
L,H,
X
No Change
HX
X
Z
X = don’t care
Z = high impedance
Q2
D1
D0
Q0
OUTPUT
ENABLE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
CLOCK
Q4
D4
D5
Q5
DW SUFFIX
SOIC PACKAGE
CASE 751D–04
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ORDERING INFORMATION
MC54HCTXXXAJ
MC74HCTXXXAN
MC74HCTXXXADW
MC74HCTXXXASD
MC74HCTXXXADT
Ceramic
Plastic
SOIC
SSOP
TSSOP
DT SUFFIX
TSSOP PACKAGE
CASE 948E–02
J SUFFIX
CERAMIC PACKAGE
CASE 732–03
1
20
1
20
SD SUFFIX
SSOP PACKAGE
CASE 940C–03
1
20
1
20
1
20
LOGIC DIAGRAM
DATA
INPUTS
D0
11
CLOCK
D1
D2
D3
D4
D5
D6
D7
18
17
14
13
8
7
4
3
1
OUTPUT ENABLE
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
PIN 20 = VCC
PIN 10 = GND
NONINVERTING
OUTPUTS


Similar Part No. - MC74HCTXXXAN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCTXXXAN MOTOROLA-MC74HCTXXXAN Datasheet
151Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCTXXXAN MOTOROLA-MC74HCTXXXAN Datasheet
158Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCTXXXAN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HC574A ONSEMI-MC74HC574A Datasheet
178Kb / 8P
   Octal 3-State Noninverting D Flip-Flop
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74ACT574 INTEGRAL-IN74ACT574 Datasheet
220Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_11 Datasheet
153Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com