Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-AA3VS93-FREQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SG-AA3VS93-FREQ
Description  HF/UHF SMD TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG-AA3VS93-FREQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SG-AA3VS93-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SG-AA3VS93-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers SG-AA3VS93-FREQ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SG-XA3XXXX Series
Continued
HF/UHF SMD TCVCXO
Absolute Maximum Ratings
Parameter
Sym
Condition
Min
Typ
Max
Unit
Note
Input Break Down Voltage
Vcc
-0.5
5.5
V
Storage Temperature
Ts
-40
105
ºC
Control Voltage
Vc
-1
9
V
Electrical Parameters
Parameter
Sym
Conditions
MIN
TYP
MAX
Unit
Note
Frequency Range
F
CMOS
Sine-wave
PECL,LVDS
30
30
30
200
1,000
1,000
MHz
Input Voltage
Vcc
Code 0
Code A
4.75
3.135
5.0
3.3
5.25
3.465
V
Input current
Icc
CMOS,Sine
PECL, Sine,LVDS
30
100
mA
@100MHz, 3.3V
@622MHz, 3.3V
Frequency Stability
∆F/F
Overall, available
±4.6
20 years
Frequency Stability
∆F/F
vs Temperature
vs Vcc
Aging
±0.5
±0.1
±1
±3.5
±1
ppm
ppm/V
ppm/year
ppm
See Chart
First Year
10 years
Calibration
∆F/F
As shipped, 25°C
±0.5
±1
ppm
Load
CMOS
Sinewave
PECL
LVDS
15pf/10KOhmOhm
Internally AC-coupled 50 Ohm
50 Ohm to Vcc-2V or Thevenin equivalent
100 Ohm between the outputs, receiving end
Duty Cycle
At 50 %
45/55
50/50
55/45
%
CMOS, PECL, LVDS
Rise/Fall Time
Tr/Tf
20 to 80%
3
0.35
ns
CMOS
PECL, LVDS
Logic “1" level
Voh
CMOS
0.9Vcc
V
Logic “0" level
Vol
CMOS
0.1Vcc
V
Logic “1" level
Voh
PECL
Vcc-0.96
Vcc-0.81
V
100K available
Logic “0" level
Vol
PECL
Vcc-1.85
Vcc-1.65
V
100K available
Output Levels
LVDS
Vod
Differential
amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage error
50
mV
Output power
P
Sinewave Into 50
Ohm
4
37
dBm
3.3V
5.0V
Start up Time
Ts
2
10
ms
Phase jitter
1 sigma
0.4
0.2
1
0.4
ps
100Hz to 20MHz
12kHz to 20MHz
Sub-harmonics
PECL, LVDS, Sine
CMOS, Sine
-45
-40
none
dBc
F>250MHz
F<250MHz
Spurious
-60
dBc
Harmonics
Sine-wave
-30
-25
dBc
SSB Phase Noise
@10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
-80
-110
-140
-155
-160
dBc/Hz
@ 100 MHz
SSB Phase Noise
@10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
-60/-60
-90/-90
-120/-120
-140/-145
-145/-150
dBc/Hz
@ 622 Mhz;
PECL,LVDS/Sine
Input Impedance
> 10 K Ohm
Control Voltage
Vc
0
3.3
V
Modulation Bandwidth
MB
100Hz
Contact Factory for
wider MB
Deviation
Vc=0V to 3.3V,
25°C
±5
±7
ppm
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. A
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0631B


Similar Part No. - SG-AA3VS93-FREQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SG-A1 PANASONICBATTERY-SG-A1 Datasheet
278Kb / 1P
   New SG-E1, SG-C1, SG-B2/D1, SG-B1/A1 Series Safety Switches
More results

Similar Description - SG-AA3VS93-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OF-XBAXXXX NEL-OF-XBAXXXX Datasheet
46Kb / 3P
   UHF SMD TCVCXO
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
   HF/UHF OCXO Low Power SMD
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
OE-X8GXXXXX NEL-OE-X8GXXXXX Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
logo
New Jersey Semi-Conduct...
5082-3081 NJSEMI-5082-3081 Datasheet
190Kb / 1P
   HF/VHF/UHF CURRENT CONTROLLED RESISTOR
logo
Nel Frequency Controls,...
AA-X1EXX-X NEL-AA-X1EXX-X Datasheet
162Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com