Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-AA3VS93-FREQ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SG-AA3VS93-FREQ
Description  HF/UHF SMD TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG-AA3VS93-FREQ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SG-AA3VS93-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SG-AA3VS93-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers SG-AA3VS93-FREQ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL CLOCK OSCILLATORS
Rev. A
0.70 (17,8 mm)
1
2
3
5
0.1 (2,5 mm)
4
1.0 (25,4 mm)
3
2
1
0.87 (22,0 mm)
4
5
0.25 (6,35 mm)
6
7
6
7
0.1 (2,5 mm)
0.3 (7,62 mm)
0.79 (20mm) SQ.
SG-XA3XXXX Series
Continued
HF/UHF SMD TCVCXO
Electrical Connection
Pin
Connection
1
Voltage Control
2
NC
3
V
CC
4
Output, CMOS or Sine
5
Output, PECL/LVDS
6
Comp. Output, PECL/LVDS
7
Gnd
Note: For frequency stability over temperature
±1ppm and tighter, the package height may
be 10mm or 12.5mm.
Environmental and Mechanical Characteristics
Operating temp. range
0°C to 70°C, -40°C to 85°C, see chart page 1
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. E
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
(crystal only)
Soldering conditions
See MAX reflow profile below
Maximum Reflow Profile
SMD Reflow Profile
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
Time, s
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com


Similar Part No. - SG-AA3VS93-FREQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SG-A1 PANASONICBATTERY-SG-A1 Datasheet
278Kb / 1P
   New SG-E1, SG-C1, SG-B2/D1, SG-B1/A1 Series Safety Switches
More results

Similar Description - SG-AA3VS93-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OF-XBAXXXX NEL-OF-XBAXXXX Datasheet
46Kb / 3P
   UHF SMD TCVCXO
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
   HF/UHF OCXO Low Power SMD
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
OE-X8GXXXXX NEL-OE-X8GXXXXX Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
logo
New Jersey Semi-Conduct...
5082-3081 NJSEMI-5082-3081 Datasheet
190Kb / 1P
   HF/VHF/UHF CURRENT CONTROLLED RESISTOR
logo
Nel Frequency Controls,...
AA-X1EXX-X NEL-AA-X1EXX-X Datasheet
162Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com