Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4112K Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD4112K
Description  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4112K Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD4112K Datasheet HTML 4Page - Toshiba Semiconductor TPD4112K Datasheet HTML 5Page - Toshiba Semiconductor TPD4112K Datasheet HTML 6Page - Toshiba Semiconductor TPD4112K Datasheet HTML 7Page - Toshiba Semiconductor TPD4112K Datasheet HTML 8Page - Toshiba Semiconductor TPD4112K Datasheet HTML 9Page - Toshiba Semiconductor TPD4112K Datasheet HTML 10Page - Toshiba Semiconductor TPD4112K Datasheet HTML 11Page - Toshiba Semiconductor TPD4112K Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPD4112K
2005-11-04
8
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VBB
50
400
Operating power supply voltage
VCC
13.5
15
17.5
V
IBB
VBB = 400 V
Duty cycle
= 0%
0.5
ICC
VCC = 15 V
Duty cycle
= 0%
1.8
10
IBS (ON)
VBS = 15 V, high side ON
210
470
Current dissipation
IBS (OFF)
VBS = 15V, high side OFF
200
415
mA
Hall amp input sensitivity
VHSENS(HA)
50
mvp-p
Hall amp Input current
IHB(HA)
-2
0
2
µA
Hall amp this minister input
CMVIN(HA)
0
8
V
Hall amp hysteresis width
Δ
VIN(HA)
20
 30
50
Hall amp input voltage L→H
VLH(HA)
5
15
25
Hall amp input voltage H→L
VHL(HA)
-15
-15
-5
mV
VCEsatH
VCC = 15 V, IC = 0.5 A
2.3
3.0
Output saturation voltage
VCesatL
VCC = 15 V, IC = 0.5 A
2.3
3.0
V
VFH
IF
= 0.5 A, high side
1.4
2.1
FRD forward voltage
VFL
IF
= 0.5 A, low side
1.4
1.8
V
FRD forward voltage
VF (BSD)
IF
= 500 µA
0.8
1.2
V
PWMMIN
0
PWM ON-duty cycle
PWMMAX
100
%
PWM ON-duty cycle, 0%
VVS0%
PWM
= 0%
1.7
2.1
2.5
V
PWM ON-duty cycle, 100%
VVS100%
PWM
= 100%
4.9
5.4
6.1
V
PWM ON-duty voltage range
VVSW
VVS100% − VVS0%
2.8
3.3
3.8
V
Output all-OFF voltage
VVSOFF
Output all OFF
1.1
1.3
1.5
V
Regulator voltage
VREG
VCC = 15 V, IO = 30 mA
5
6
7
V
Speed control voltage range
VS
0
6.5
V
FG output saturation voltage
VFGsat
VCC = 15 V, IFG = 20 mA
0.5
V
Current control voltage
VR
0.46
0.5
0.54
V
Thermal shutdown temperature
TSD
135
185
°C
Thermal shutdown hysteresis
∆TSD
50
°C
VCC under voltage protection
VCCUVD
10
11
12
V
VCC under voltage protection recovery
VCCUVR
10.5
11.5
12.5
V
VBS under voltage protection
VBSUVD
9
10
11
V
VBS under voltage protection recovery
VBSUVR
9.5
10.5
11.5
V
Refresh operating ON voltage
TRFON
Refresh operation
1.1
1.3
1.5
V
Refresh operating OFF voltage
TRFOFF
Refresh operation OFF
3.1
3.8
4.6
V
Triangular wave frequency
fc
R
= 27 kΩ, C = 1000 pF
16.5
20
25
kHz
Output on delay time
ton
VBB = 280 V, VCC = 15 V, IC = 0.5 A
2.5
3
µs
Output off delay time
toff
VBB = 280 V, VCC = 15 V, IC = 0.5 A
1.8
3
µs
FRD reverse recovery time
trr
VBB = 280 V, VCC = 15 V, IC = 0.5 A
200
ns


Similar Part No. - TPD4112K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4112K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com