Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A121122A2NCNB Datasheet(PDF) 4 Page - ITT Industries

Part # A121122A2NCNB
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A121122A2NCNB Datasheet(HTML) 4 Page - ITT Industries

  A121122A2NCNB Datasheet HTML 1Page - ITT Industries A121122A2NCNB Datasheet HTML 2Page - ITT Industries A121122A2NCNB Datasheet HTML 3Page - ITT Industries A121122A2NCNB Datasheet HTML 4Page - ITT Industries A121122A2NCNB Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M–37
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
TERMINATIONS
MOUNTING/LOCK STYLE
PANEL MOUNTING
1.036
(26,31)
.270
(6,68)
PANEL MOUNTING
3P MODEL
4P MODEL
PC MOUNTING
R
REMOVABLE DRESS NUT
N
WITH NUT
Z
SOLDER LUG
C
PC THRU-HOLE
TYPICAL INSTALLATION
Install hex nut with enough clearance to allow for dress nut
and panel. Place switch through cutout in rear of panel.
Install and tighten dress nut by hand, then tighten hex nut.
Always tighten assembly with back of panel hex nut to
avoid damaging front of panel.
Nut part number: 175050700
SP MODEL (omit terminals B, C ,D)
DP MODEL (omit terminals B & D)


Similar Part No. - A121122A2NCNB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
292Kb / 14P
   Continuous-Time Latch Family
More results

Similar Description - A121122A2NCNB

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com