Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2DL32512V38BI Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED2DL32512V38BI
Description  512Kx32 Synchronous Pipeline Burst SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2DL32512V38BI Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED2DL32512V38BI Datasheet HTML 1Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 2Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 3Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 4Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 5Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 6Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 7Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 8Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED2DL32512V
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD Supply relative to VSS
-0.5V to +4.6V
Voltage on VDDQ Supply relative to VSS
-0.5V to +4.6V
VIN (DQx)
-0.5V to VDDQ +0.5V
VIN (Inputs)
-0.5V to VDD +0.5V
Storage Temperature (BGA)
-55
°C to +125°C
Short Circuit Output Current
100 mA
*Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those indicated
in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
ELECTRICAL CHARACTERISTICS
Description
Symbol
Conditions
Min
Max
Units
Notes
Input High (Logic 1)Voltage
VIH
2.0
VDD +0.3
V
1
Input Low (Logic 0) Voltage
VIL
-0.3
0.8
V
1
Input Leakage Current
ILI
0V
≤ VIN ≤ VDD
-1.0
1.0
mA
2
Ouptut Leakage Current
ILO
Output(s) disabled, 0V
≤ VIN ≤ VDD
-1.0
1.0
mA
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
1
Output Low Voltage
VOL
IOL = 8.0mA
0.4
V
1
Supply Voltage
VDD
3.135
3.6
V
1
Isolated Output Buffer SupplyVDDQ
3.134
3.6
V
NOTES:
1. All voltages referenced to Vss (GND).
2. MODE has an internal pull-up, and input leakage =
±10µA.
Description
Conditions
Symbol
Typ
Max
Units
Notes
Control Input Capacitance
TA = 25
°C; f = 1MHz
CI
36
pF
1
Input/Output Capacitance (DQ)
TA = 25
°C; f = 1MHz
CO
45
pF
1
Address Capacitance
TA = 25
°C; f = 1MHz
CA
35
pF
1
Clock Capacitance
TA = 25
°C; f = 1MHz
CCK
2.5
4
pF
1
NOTES:
1. This parameter is sampled.
BGA CAPACITANCE
PARTIAL TRUTH TABLE - WRITE COMMANDS
Function
BWE
BWa
BWb
BWc
BWd
Read
H
X
X
X
X
Read
L
H
H
H
H
Write Byte “a”
L
L
H
H
H
Write All Bytes
L
L
L
L
L
NOTE: Using BWE and BWa through BWd, any one or more bytes may be written.
Description
Symbol
Conditions
Typ
200*
166
150
133
Units
Notes
MHz
MHz
MHz
MHz
Power Supply
Device selected; All inputs
≤ VIL or 3 VIH; Cycle time 3 tKC MIN;
Current: Operating
IDD
VDD = MAX; Outputs open
950
800
740
600
mA
1,2,3
Device deselected; VDD = MAX; All inputs
≤ VSS + 0.2
CMOS Standby
ISB2
or VDD - 0.2; All inputs static; CLK frequency = 0
10
20
20
20
20
mA
2,3
Device deselected; VDD = MAX; All inputs
≤ VIL or VIH;
TTL Standby
ISB3
All inputs static; CLD frequency = 0
20
40
40
40
40
mA
2,3
Device deselected; VDD = MAX; All inputs
≤ VSS + 0.2
Clock Running
ISB4
or VDD -0.2; Cycle time 3 tKC MIN
80
220
180
160
140
mA
2,3
* Advanced Information
NOTES:
1. IDD is specified with no output current and increases with faster cycle times. IDD increases with faster cycle times and greater output loading.
2. “Device deselected” means device is in power-down mode as defined in the truth table. “Device selected” means device is active (not in power-down mode).
3. Typical values are measured at 3.3V, 25
°C and 133MHz.
DC CHARACTERISTICS


Similar Part No. - WED2DL32512V38BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V5D2 WEDC-WED2DG472512V5D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V65D2 WEDC-WED2DG472512V65D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V6D2 WEDC-WED2DG472512V6D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V7D2 WEDC-WED2DG472512V7D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
More results

Similar Description - WED2DL32512V38BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com