Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2DL32512V38BI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED2DL32512V38BI
Description  512Kx32 Synchronous Pipeline Burst SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2DL32512V38BI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED2DL32512V38BI Datasheet HTML 1Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 2Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 3Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 4Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 5Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 6Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 7Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 8Page - White Electronic Designs Corporation WED2DL32512V38BI Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED2DL32512V
AC CHARACTERISTICS
Symbol
200MHz
166MHz
150MHz
133MHz
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Clock
Clock Cycle Time
tKC
5.0
6.0
6.6
7.5
ns
Clock Frequency
tKF
200
166
150
133
MHz
Clock HIGH Time
tKH
2.0
2.4
2.6
2.6
ns
Clock LOW Time
tKL
2.0
2.4
2.6
2.6
ns
Output Times
Clock to output valid
tKQ
2.5
3.5
3.8
4.0
ns
Clock to output invalid (2)
tKQX
1.5
1.25
1.25
1.5
ns
Clock to output on Low-Z (2,3,4)
tKQLZ
00
00
ns
Clock to output in High-Z (2,3,4)
tKQHZ
3.0
3.5
3.8
4.0
ns
OE to output valid (5)
tOEQ
2.5
3.5
3.8
4.0
ns
OE to output in Low-Z (2,3,4)
tOELZ
00
00
ns
OE to output in High Z (2,3,4)
tOEHZ
2.5
3.5
3.8
4.0
ns
Setup Times
Address (6,7)
tAS
1.5
1.5
1.5
1.5
ns
Address status (ADSC) (6,7)
tADSS
1.5
1.5
1.5
1.5
ns
Write signals (BWa-BWd, BWE) (6,7)
tWS
1.5
1.5
1.5
1.5
ns
Data-in (6,7)
tDS
1.5
1.5
1.5
1.5
ns
Chip enables (CE) (6,7)
tCES
1.5
1.5
1.5
1.5
ns
Hold Times
Address (6,7)
tAH
0.5
0.5
0.5
0.5
ns
Address status (ADSC) (6,7)
tADSH
0.5
0.5
0.5
0.5
ns
Write Signals (BWa-BWd, BWE) (6,7)
tWH
0.5
0.5
0.5
0.5
ns
Data-in (6,7)
tDH
0.5
0.5
0.5
0.5
ns
Chip Enables (CE) (6,7)
tCEH
0.5
0.5
0.5
0.5
ns
NOTES:
1. Test conditions as specified with the output loading as shown in Figure 1 for 3.3V 1/0 and Figure 3 for 2.5V 1/0 unless otherwise noted.
2. This parameter is measured with output load as shown in Figure 2 for 3.3V 1/0 and Figure 4 for 2.5V 1/0.
3. This parameter is sampled.
4. Transition is measured
±500mV from steady state voltage.
5. OE is a “Don’t Care” when a byte write enable is sampled LOW.
6. A WRITE cycle is defined by at least one byte write enable LOW for the required setup and hold times. A READ cycle is defined by all byte write enables HIGH and ADSC
LOW for the required setup and hold times.
7. This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK when ADSC is LOW and chip enabled. All other
synchronous inputs must meet the setup and hold times with stable logic levels for all rising edges of clock (CLK) when the chip is enabled. Chip enable must be valid at
each rising edge of CLK when ADSC is LOW to remain enabled.
OUTPUT LOADS
AC TEST CONDITIONS
50
Vt = 1.5V
Output
Z0 = 50
Z0 = 50
Parameter
3.3V I/O
2.5V I/O
Unit
Input Pulse Levels
VSS to 3.0
VSS to 2.5
V
Input Rise and Fall Times
1
1
ns
Input Timing Reference Levels
1.5
1.25
V
Output Timing Reference Levels
1.5
1.25
V
Output Load
See figure, at left
AC Output Load Equivalent
Vt = 1.5V for 3.3V I/O
Vt = 1.25V for 2.5V I/O


Similar Part No. - WED2DL32512V38BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V5D2 WEDC-WED2DG472512V5D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V65D2 WEDC-WED2DG472512V65D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V6D2 WEDC-WED2DG472512V6D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V7D2 WEDC-WED2DG472512V7D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
More results

Similar Description - WED2DL32512V38BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com