Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P74204 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71P74204
Description  18Mb Pipelined QDR II SRAM Burst of 4
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P74204 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71P74204 Datasheet HTML 5Page - Integrated Device Technology IDT71P74204 Datasheet HTML 6Page - Integrated Device Technology IDT71P74204 Datasheet HTML 7Page - Integrated Device Technology IDT71P74204 Datasheet HTML 8Page - Integrated Device Technology IDT71P74204 Datasheet HTML 9Page - Integrated Device Technology IDT71P74204 Datasheet HTML 10Page - Integrated Device Technology IDT71P74204 Datasheet HTML 11Page - Integrated Device Technology IDT71P74204 Datasheet HTML 12Page - Integrated Device Technology IDT71P74204 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
9
IDT71P74204 (2M x 8-Bit), 71P74104 (2M x 9-Bit), 71P74804 (1M x 18-Bit) 71P74604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 4
Commercial Temperature Range
Absolute Maximum Ratings(1) (2)
Capacitance (TA = +25°C, f = 1.0MHz)(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VDDQ must not exceed VDD during normal operation.
NOTE:
1. Tested at characterization and retested after any design or process change that
may affect these parameters.
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VDD = 1.8V
VDDQ = 1.5V
5pF
CCLK
Clock Input Capacitance
6
pF
CO
Output Capacitance
7
pF
6111 tbl 06
Symbol
Rating
Value
Unit
VTERM
Supply Voltage on VDD with
Respect to GND
–0.5 to +2.9
V
VTERM
Supply Voltage on VDDQ with
Respect to GND
–0.5 to VDD +0.3
V
VTERM
Voltage on Input terminals with
respect to GND
–0.5 to VDD +0.3
V
VTERM
Voltage on Output and I/O
terminals with respect to GND.
–0.5 to VDDQ +0.3
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Continuous Current into Outputs
+ 20
mA
6111 tbl 05
Recommended DC Operating and
Temperture Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Power Supply
Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
1.9
V
VSS
Ground
0
0
0
V
VREF
Input Reference
Voltage
0.68
VDDQ/2
0.95
V
TA
Ambient
Temperature (1)
025
+70
o
c
6111 tbl 04
NOTES:
1) All byte write (
BWx) and nibble write (NWx) signals are sampled on the
rising edge of K and again on
K. The data that is present on the data bus in the
designated byte/nibble will be latched into the input if the corresponding
BWx or
NWx is held low. The rising edge of K will sample the first and third bytes/
nibbles of the four word burst and the rising edge of
K will sample the second
and fourth bytes/nibbles of the four word burst.
2) The availability of the
BWx or NWx on designated devices is described in
the pin description table.
3) The QDRII Burst of four SRAM has data forwarding. A read request that is
initiated on the cycle following a write request to the same address will produce
the newly written data in response to the read request.
Signal
BW0
BW1
BW2
BW3
NW0
NW1
Write Byte 0
L
XX
XX
X
Write Byte 1
X
L
X
X
X
X
Write Byte 2
X
X
L
X
X
X
Write Byte 3
XXX
L
X
X
Write Nibble 0
X
X
X
X
L
X
Write Nibble 1
XXX
XX
L
6111 tbl 09
Write Descriptions(1,2)
NOTE:
1. During production testing, the case temperarure equals the ambient
temperature.


Similar Part No. - IDT71P74204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P74204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-375 GSI-GS8182D37BD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com