Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2033D1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2033D1
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2033D1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA2033D1 Datasheet HTML 1Page - Texas Instruments TPA2033D1 Datasheet HTML 2Page - Texas Instruments TPA2033D1 Datasheet HTML 3Page - Texas Instruments TPA2033D1 Datasheet HTML 4Page - Texas Instruments TPA2033D1 Datasheet HTML 5Page - Texas Instruments TPA2033D1 Datasheet HTML 6Page - Texas Instruments TPA2033D1 Datasheet HTML 7Page - Texas Instruments TPA2033D1 Datasheet HTML 8Page - Texas Instruments TPA2033D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
APPLICATION CIRCUIT
_
+
IN−
IN+
PWM
H−
Bridge
VO−
VO+
Internal
Oscillator
ToBattery
VDD
GND
Bias
Circuitry
Differential
Input
TPA2032D1
SHUTDOWN
A1
A2
A3
B1
B2
B3
C1
C2
C3
IN+
GND
VO−
VDD
PVDD
PGND
IN− SHUTDWN VO+
1,4 mm
9-BALLWAFERCHIPSCALE,YZFPACKAGE,
(TOPVIEWOFPCB)
Note:PinA1ismarkedwitha “0” .
1,55mm
1,4mm
1,55mm
TPA
203xD1
~
2,5 mm
C
S
C
S
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Wafer Chip Scale Packaging (WCSP)
Maximize Battery Life and Minimize Heat
– NanoFree™ Lead-Free (Pb-Free: YZF)
– 0.5-
µA Shutdown Current
– 3.0-mA Quiescent Current
Ideal for Wireless Handsets, PDAs, and other
– High Efficiency Class-D
mobile devices
• 88% at 400mW at 8Ω
• 80% at 100mW at 8Ω
Three Fixed Gain Versions
The TPA2032D1 (2V/V gain), TPA2033D1 (3V/V
gain), and TPA2034D1 (4V/V gain) are 2.75-W high
– TPA2032D1 has a gain of 2 V/V (6dB)
efficiency filter-free class-D audio power amplifiers,
– TPA2033D1 has a gain of 3 V/V (9.5dB)
each in an approximately 1.5-mm
× 1.5-mm wafer
– TPA2034D1 has a gain of 4 V/V (12dB)
chip scale package (WCSP) that requires only one
Only One External Component Required
external component. The pinout is the same as the
TPA2010D1 except that the external gain setting
– Internal Matched Input Gain and Feedback
input resistors required by the TPA2010D1 are
Resistors for Excellent PSRR and CMRR
integrated into the fixed gain TPA203xD1 family.
– Optimized PWM Output Stage Eliminates
Features
like
–75dB
PSRR
and
improved
LC Output Filter
RF-rectification immunity with a very small PCB
– PSRR (–75 dB) and Wide Supply Voltage
footprint (WCSP amplifier plus single decoupling
(2.5 V to 5.5 V) Eliminates Need for a
cap) make the TPA203xD1 family ideal for wireless
Dedicated Voltage Regulator
handsets. A fast start-up time of 3.2 ms with minimal
pop makes the TPA203xD1 family ideal for PDA
– Fully Differential Design Reduces RF
applications.
Rectification and Eliminates Bypass
Capacitor
In wireless handsets, the earpiece, speaker phone,
– CMRR (–69 dB)Eliminates Two Input
and melody ringer can each be driven by a
TPA203xD1. The TPA203xD1 family has a low
Coupling Capacitors
27-
µV noise floor, A-weighted.
Thermal and Short-Circuit Protection
Pinout Very Similar to TPA2010D1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2033D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2033D1 TI1-TPA2033D1 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2033D1 TI1-TPA2033D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2033D1YZF TI1-TPA2033D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2033D1YZF TI1-TPA2033D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2033D1YZFR TI1-TPA2033D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2033D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com