Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P74604S300BQ Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71P74604S300BQ
Description  18Mb Pipelined QDR II SRAM Burst of 4
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P74604S300BQ Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71P74604S300BQ Datasheet HTML 1Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 2Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 3Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 4Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 5Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 6Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P74604S300BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
6.42
4
IDT71P74204 (2M x 8-Bit), 71P74104 (2M x 9-Bit), 71P74804 (1M x 18-Bit) 71P74604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 4
Commercial Temperature Range
Symbol
Pin Function
Description
Doff
Input
DLL Turn Off. When low this input will turn off the DLL inside the device. The AC timings with
the DLL turned off will be different from those listed in this data sheet. There will be an
increased propagation delay from the incidence of C and
C to Q, or K and K to Q as
configured. The propagation delay is not a tested parameter, but will be similar to the
propagation delay of other SRAM devic es in this speed grade.
TDO
Output
TDO pin for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG. An internal resistor will pull TDI to VDD when the pin is unconnected.
TMS
Input
TMS pin for JTAG. An internal resistor will pull TMS to VDD when the pin is unconnected.
NC
No Connect
No connects inside the package. Can be tied to any voltage level
VREF
Input
Reference
Reference Voltage input. Static input used to set the reference le vel for HSTL inputs and
Outputs as well as AC measurement points.
VDD
Power
Supply
Power supply inputs to the co re of the device. Should be connected to a 1.8V power
supply.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
VDDQ
Power
Supply
Power supply for the outputs of the device. Should be connected to a 1.5V power supply
for HSTL or scaled to the desired output voltage.
6111 tbl 02b
Pin Definitions continued


Similar Part No. - IDT71P74604S300BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P74604S300BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-375 GSI-GS8182D37BD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com