Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P74104S250BQ Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71P74104S250BQ
Description  18Mb Pipelined QDR II SRAM Burst of 4
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P74104S250BQ Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71P74104S250BQ Datasheet HTML 1Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 2Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 3Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 4Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 5Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 6Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P74104S250BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
6.42
3
IDT71P74204 (2M x 8-Bit), 71P74104 (2M x 9-Bit), 71P74804 (1M x 18-Bit) 71P74604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 4
Commercial Temperature Range
Symbol
Pin Function
Description
D[X:0]
Input Synchronous
Data input signals, sampled on the rising edge of K and
K clocks during valid write operations
2M x 8 -- D[7:0]
2M x 9 -- D[8:0]
1M x 18 -- D[17:0]
512K x 36 -- D[35:0]
BW0, BW1
BW2, BW3
Input Synchronous
Byte Write Select 0, 1, 2, and 3 are active LOW. Sampled on the rising edge of the K and again on the rising edge of
K
clocks during write operations. Used to select which byte is written into the device during the current portion of the write
operations . Bytes not written remain unaltered. All the byte writes are sampled on the same edge as the data.
Deselecting a Byte Write Select will cause the corresponding byte of data to be ignored and not written in to the device.
2M x 9 --
BW0 controls D[8:0]
1M x 18 --
BW0 controls D[8:0] and BW1 controls D[17:9]
512K x 36 --
BW0 controls D[8:0], BW1 controls D[17:9], BW2 controls D[26:18] and BW3 controls D[35:27]
NW0, NW1
Input Synchronous
Nibble Write Select 0 and 1 are active LOW. Available only on x8 bit parts instead of Byte Write Selects. Sampled on the
rising edge of the K and
K clocks during write operations. Used to select which nibble is written into the device during the
current portion of the write operations. Nibbles no t written remain unaltered. All the nibble writes are sampled on the same
edge as the data. Deselecting a Nibble Write Select will cause the corresponding nibble of data to be ignored and not
written in to the device.
SA
Input Synchronous
Address inputs are sampled on the rising edge of K clock during active read or write operations. These address inputs are
multiplexed so a read and write can be initiated on alternate clock cycles. These inputs are ignored when the appropriate
port is deselected.
Q[X:0]
Output Synchronous
Data Output signals. These pins drive out the requested data during a Read operation. Valid data is driven out on the rising
edge of both the C and
C clocks during Read operations or K and K when operating in single clock mode. When the Read
port is deselected, Q[X:0] are automatically three-stated.
W
Input Synchronous
Write Control Logic active Low. Sampled on the rising edge of the positive input clock (K). When asserted active, a write
operation in initiated. Deasserting will deselect the Write port, causing D[X:0] to be ignored. If a write operation has
successfully been initiated, it will continue to completion, ignoring the
W on the following clock cycle. This allows the user to
continuously hold
W low while bursting data into the SRAM.
R
Input Synchronous
Read Control Logic, active LOW. Sampled on the rising edge of Positive Input Clock (K). When active, a read operation is
initiated. Deasserting will cause the Read port to be deselected. When deselected, the pending access is allowed to
complete and the output drivers are automatically three-stated following the next rising edge of the C clock. Each read
access consists of a burst of four sequential transfer. If a read operation has successfully been initiate d, it will continue to
completion, ignoring the
R on the following clock cycle. This allows the user to continuously hold R low while bursting data
from the SRAM.
C
Input Clock
Positive Output Clock Input. C is used in conjunction with
C to clock out the Read data from the device. C and C can be
used together to deskew the flight times of various devices on the board back to the controller. See application example
for further details.
C
Input Clock
Negative Output Clock Input.
C is used in conjunction with C to clock out the Read data from the device. C and C can be
used together to deskew the flight times of various devices on the board back to the controller. See application example
for further details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device and to drive out data
through Q[X:0] when in single cloc k mode. All accesses are initiated on the rising edge of K.
K
Input Clock
Negative Input Clock Input.
K is used to capture synchronous inputs being presented to the device and to drive out data
through Q[X:0] when in single clock mode.
CQ,
CQ
Output Clock
Synchronous Echo clock outputs. The rising edges of these outputs are tightly matched to the synchronous data outputs
and can be used as a data valid indication. These signals are free running and do not stop when the output data is three-
stated.
ZQ
Input
Output Impedance Matching Input. This input is us ed to tune the device outputs to the sys tem data bus impedance. Q[X:0]
output impedance is set to 0.2 x RQ, where RQ is a resistor connected between ZQ and ground. Alternately, this pin can
be connected directly to VDDQ, which enables the minimum impedance mode. This pin cannot be connected directly to
GND or left unconnected.
6111 tbl 02a
Pin Definitions


Similar Part No. - IDT71P74104S250BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P74104S250BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-375 GSI-GS8182D37BD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com