Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1350-1.3O000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-1350-1.3O000
Description  Low Profile T-1 (3 mm) LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1350-1.3O000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-1350-1.3O000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1350-1.3O000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Profile T-1 (3 mm)
LED Lamps
Technical Data
Features
• Low Profile Height
• Small T-1 Size Diameter
3.18 mm (0.125 inch)
• High Intensity
• IC Compatible
• Choice of 3 Bright Colors
High Efficiency Red
Yellow
High Performance Green
Description
This family of diffused solid state
lamps is especially suited for
applications where small package
size is required without
sacrificing luminous intensity.
The HLMP-1350 is a red tinted
lamp providing a wide viewing
angle. The HLMP-1450 and
HLMP-1550 are similar products
in yellow and green respectively.
HLMP-1350
HLMP-1450
HLMP-1550
Package Dimensions
Selection Guide
Test
Typical Viewing
Luminous Intensity Iv (mcd)
Condition
Angle[1] (Degrees),
Dominant
Part Number
Min.
Typ.
Max.
(mA)
2
Θ1/2
Wavelength[2]
HLMP-1350
1.3
2.3
10.0
55
626
HLMP-1350-C00xx
1.3
2.3
10.0
55
626
HLMP-1450
1.4
2.2
10.0
55
585
HLMP-1450-B00xx
1.4
2.2
10.0
55
585
HLMP-1550
1.0
3.1
20.0
55
569
HLMP-1550-A00xx
1.0
3.1
20.0
55
569
HLMP-1550-BC0xx
1.6
2.8
5.2
20.0
55
569
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.


Similar Part No. - HLMP-1350-1.3O000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1350-L0000 AVAGO-HLMP-1350-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L0001 AVAGO-HLMP-1350-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L0002 AVAGO-HLMP-1350-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L00A1 AVAGO-HLMP-1350-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L00A2 AVAGO-HLMP-1350-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Similar Description - HLMP-1350-1.3O000

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD50152 CML-CMD50152 Datasheet
64Kb / 1P
   T-1 3/4 Low Profile LED Lamps
logo
Marktech Corporate
MT430-HR MARKTECH-MT430-HR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com