Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5211 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCF5211
Description  Microcontroller Family Hardware Specification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5211 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF5211 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MCF5213 Microcontroller Family Hardware Specification, Rev. 1.2
Preliminary
MCF5213 Family Configurations
Freescale Semiconductor
10
data, and branch target addresses defining processor activity at the CPU’s clock rate. The MCF5213
includes a new debug signal, ALLPST. This signal is the logical ‘AND’ of the processor status (PST[3:0])
signals and is useful for detecting when the processor is in a halted state (PST[3:0] = 1111).
The full debug/trace interface is available only on the 100-pin packages. However, every product features
the dedicated debug serial communication channel (DSI, DSO, DSCLK) and the ALLPST signal.
1.2.3
JTAG
The MCF5213 supports circuit board test strategies based on the Test Technology Committee of IEEE and
the Joint Test Action Group (JTAG). The test logic includes a test access port (TAP) consisting of a 16-state
controller, an instruction register, and three test registers (a 1-bit bypass register, a 256-bit boundary-scan
register, and a 32-bit ID register). The boundary scan register links the device’s pins into one shift register.
Test logic, implemented using static logic design, is independent of the device system logic.
The MCF5213 implementation can do the following:
Perform boundary-scan operations to test circuit board electrical continuity
Sample MCF5213 system pins during operation and transparently shift out the result in the
boundary scan register
Bypass the MCF5213 for a given circuit board test by effectively reducing the boundary-scan
register to a single bit
Disable the output drive to pins during circuit-board testing
Drive output pins to stable levels
1.2.4
On-Chip Memories
1.2.4.1
SRAM
The SRAM module provides a general-purpose 32-Kbyte memory block that the ColdFire core can access
in a single cycle. The location of the memory block can be set to any 32-Kbyte boundary within the
4-Gbyte address space. This memory is ideal for storing critical code or data structures and for use as the
system stack. Because the SRAM module is physically connected to the processor's high-speed local bus,
it can quickly service core-initiated accesses or memory-referencing commands from the debug module.
The SRAM module is also accessible by the DMA. The dual-ported nature of the SRAM makes it ideal
for implementing applications with double-buffer schemes, where the processor and a DMA device
operate in alternate regions of the SRAM to maximize system performance.
1.2.4.2
Flash
The ColdFire Flash module (CFM) is a non-volatile memory (NVM) module that connects to the
processor’s high-speed local bus. The CFM is constructed with four banks of 32K x 16-bit Flash arrays to
generate 256 Kbytes of 32-bit Flash memory. These arrays serve as electrically erasable and
programmable, non-volatile program and data memory. The Flash memory is ideal for program and data
storage for single-chip applications, allowing for field reprogramming without requiring an external high


Similar Part No. - MCF5211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5211 FREESCALE-MCF5211 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF5211CAE66 FREESCALE-MCF5211CAE66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5211CAE66 FREESCALE-MCF5211CAE66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
MCF5211CEP66 FREESCALE-MCF5211CEP66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
More results

Similar Description - MCF5211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
logo
Motorola, Inc
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com