Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1450-1.40001 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-1450-1.40001
Description  Low Profile T-1 (3 mm) LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1450-1.40001 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-1450-1.40001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1450-1.40001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Electrical Characteristics at TA = 25°C
Device
Test
Symbol
Description
HLMP
Min.
Typ.
Max.
Units
Conditions
2
θ
1/2
Included Angle Between Half
1350
55
Deg.
Note 1
Intensity Points
1450
55
1550
55
λ
peak
Peak Wavelength
1350
635
nm
Note 2
1450
583
1550
565
λ
d
Dominant Wavelength
1350
626
nm
1450
585
1550
569
∆λ
1/2
Spectral Line Halfwidth
1350
40
nm
1450
36
1550
28
τ
s
Speed of Response
1350
90
ns
1450
90
1550
500
C
Capacitance
1350
11
pF
VF = 0
1450
15
f = 1 MHz
1550
18
R
θ
J-PIN
Thermal Resistance
1350
290
°C/W
Junction to
1450
Cathode
1550
Lead
VF
Forward Voltage
1350
1.6
1.9
3.0
V
IF = 10 mA
1450
1.6
2.0
3.0
1550
1.6
2.1
3.0
VR
Reverse Breakdown Voltage
1350
5.0
V
IR = 100 µA
1450
5.0
1550
5.0
η
v
Luminous Efficacy
1350
145
lumens/
Note 3
1450
500
Watt
1550
595
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas
and
η
v is the luminous efficacy in lumens/watt.


Similar Part No. - HLMP-1450-1.40001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1450-L0000 AVAGO-HLMP-1450-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1450-L0001 AVAGO-HLMP-1450-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1450-L0002 AVAGO-HLMP-1450-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1450-L00A1 AVAGO-HLMP-1450-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1450-L00A2 AVAGO-HLMP-1450-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Similar Description - HLMP-1450-1.40001

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD50152 CML-CMD50152 Datasheet
64Kb / 1P
   T-1 3/4 Low Profile LED Lamps
logo
Marktech Corporate
MT430-HR MARKTECH-MT430-HR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com