Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG480W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG480W
Description  NPN wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG480W Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG480W Datasheet HTML 1Page - NXP Semiconductors BFG480W Datasheet HTML 2Page - NXP Semiconductors BFG480W Datasheet HTML 3Page - NXP Semiconductors BFG480W Datasheet HTML 4Page - NXP Semiconductors BFG480W Datasheet HTML 5Page - NXP Semiconductors BFG480W Datasheet HTML 6Page - NXP Semiconductors BFG480W Datasheet HTML 7Page - NXP Semiconductors BFG480W Datasheet HTML 8Page - NXP Semiconductors BFG480W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Oct 21
4
Philips Semiconductors
Product specification
NPN wideband transistor
BFG480W
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. Gmax is the maximum power gain, if K > 1. If K < 1 then Gmax = MSG; see Figs 6, 7 and 8.
2. ZS is optimized for noise; ZL is optimized for gain.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC =50 µA; IE = 0
14.5
−−
V
V(BR)CEO
collector-emitter breakdown voltage
IC = 5 mA; IB = 0
4.5
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = 100 µA; IC =0
1
−−
V
ICBO
collector-base leakage current
VCE =5V; VBE =0
−−
70
nA
hFE
DC current gain
IC = 80 mA; VCE = 2 V; see Fig.3
40
60
100
Cc
collector capacitance
IE =ie = 0; VCB = 2 V; f = 1 MHz
1.4
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
2.2
pF
Cre
feedback capacitance
IC = 0; VCB = 2 V; f = 1 MHz;
see Fig.4
340
fF
fT
transition frequency
IC = 80 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C; see Fig.5
21
GHz
Gmax
maximum power gain; note 1
IC = 80 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C; see Figs 7 and 8
16
dB
insertion power gain
IC = 80 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C; see Fig.8
12
dB
F
noise figure
IC = 8 mA; VCE = 2 V; f = 900 MHz;
ΓS = Γopt; see Fig.13
1.2
dB
IC = 8 mA; VCE = 2 V; f = 2 GHz;
ΓS = Γopt; see Fig.13
1.8
dB
PL1
output power at 1 dB gain
compression
Class-AB;
δ < 1 : 2; tp = 5 ms;
VCE = 3.6 V; ICQ = 1 mA; f = 2 GHz
20
dBm
ITO
third order intercept point
IC = 80 mA; VCE = 2 V; f = 2 GHz;
ZS =ZS opt; ZL =ZL opt; note 2
28
dBm
S
21
2


Similar Part No. - BFG480W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG480W NXP-BFG480W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Quanzhou Jinmei Electro...
BFG480W JMNIC-BFG480W_15 Datasheet
143Kb / 16P
   NPN wideband transistor
BFG480W_2015 JMNIC-BFG480W_2015 Datasheet
143Kb / 16P
   NPN wideband transistor
More results

Similar Description - BFG480W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ540 NXP-BFQ540_07 Datasheet
67Kb / 8P
   NPN wideband transistor
2000 May 23
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
NXP Semiconductors
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
Quanzhou Jinmei Electro...
BFG480W JMNIC-BFG480W_15 Datasheet
143Kb / 16P
   NPN wideband transistor
BFG480W_2015 JMNIC-BFG480W_2015 Datasheet
143Kb / 16P
   NPN wideband transistor
BFQ540_2015 JMNIC-BFQ540_2015 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFQ540 NXP-BFQ540 Datasheet
238Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
BFC505 PHILIPS-BFC505 Datasheet
82Kb / 11P
   NPN wideband cascode transistor
1996 Oct 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com