Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM16216L-D Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM16216L-D
Description  16 Character x 2 Lines, LED Backlight, Narrow PCB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM16216L-D Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM16216L-D Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 86
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
2.2
-
-
V
INPUT LOW VOLTAGE
VIL
-
-
-
0.6
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
2.4
-
-
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
-
-
0.4
V
POWER SUPPLY CURRENT IDD
VDD=5.0V
-
1.0
2.2
mA
POWER SUPPLY FOR LCD VDD-VL TA=25°C
4.3
-
4.7
V
LED FORWARD VOLTAGE
VF
IF=75mA
3.9
4.1
4.5
V
BRIGHTNESS
L
IF=75mA
30
50
-
NIT
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
INPUT VOLTAGE
VIN
VSS
VDD
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT
IF
-
120
mA
LED REVERSE VOLTAGE
VR
-
8
V
LED POWER CONSUMPTION
PD
-
540
mW
Physical Data
Module Size..................................85.0W x 30.0H x 14.0T mm
Viewing Area Size.......................................64.5W x13.8H mm
Weight................................................................................35g
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight.............................................................................LED
Options.TN/Gray STN/Yellow STN, 12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Block Diagram
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
LED BACKLIGHT
COM 1 - 16
SEG 40
4
DRIVER
40
RESISTOR SUPPLIED BY USER
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1
VDD
-
5V
Power supply
2
VSS
-
0V
3
VL
-
-
4
RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H,H
→L
Enable signal
7
D0
H/L
Data bus
8
D1
H/L
9
D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
Dimensional Drawing
73.0
64.5
2.0
HOLE
4-R1.0
2.5
1
14
4-
φ2.5
14-
φ1.0
57.7
85.0
4.5
9.2
12.6
Dimension tolerance: +/-0.3mm
16 Character x 2 Lines, LED Backlight, Narrow PCB
2.95
0.7
0.05
0.55
0.5
0.05
4.35
0.7
A
K
13
2
HDM16216L-D


Similar Part No. - HDM16216L-D

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-2 HANTRONIX-HDM16216L-2 Datasheet
28Kb / 1P
   16 Character x 2 Lines LED Backlight, 2 Row Connector
HDM16216L-2-X30S HANTRONIX-HDM16216L-2-X30S Datasheet
37Kb / 2P
   16 Character x 2 Lines LED Backlight, 2 Row Connector
HDM16216L-2 HANTRONIX-HDM16216L-2_15 Datasheet
31Kb / 1P
   16 Character x 2 Lines LED Backlight 2 Row Connector
HDM16216L-5 HANTRONIX-HDM16216L-5 Datasheet
28Kb / 1P
   16 Character x 2 Lines LED Backlight, Connector on Top
HDM16216L-5-E30S HANTRONIX-HDM16216L-5-E30S Datasheet
38Kb / 2P
   16 Character x 2 Lines LED Backlight, Connector on Top
More results

Similar Description - HDM16216L-D

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216H-D HANTRONIX-HDM16216H-D Datasheet
34Kb / 1P
   16 Character x 2 Lines, Narrow Width PCB
HDM16216H-D HANTRONIX-HDM16216H-D_15 Datasheet
21Kb / 1P
   16 Character x 2 Lines, Narrow Width PCB
HDM16216L-7 HANTRONIX-HDM16216L-7 Datasheet
39Kb / 1P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7 HANTRONIX-HDM16216L-7_15 Datasheet
34Kb / 1P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-Z10S HANTRONIX-HDM16216L-7-Z10S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-L30S HANTRONIX-HDM16216L-7-L30S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-C HANTRONIX-HDM16216L-C Datasheet
41Kb / 1P
   16 Character x 2 Lines LED Backlight, Short Length PCB
HDM16216L-C HANTRONIX-HDM16216L-C_15 Datasheet
34Kb / 1P
   16 Character x 2 Lines LED Backlight Short Length PCB
HDM16216L-T HANTRONIX-HDM16216L-T Datasheet
37Kb / 1P
   16 Character x 2 Lines, Very Thin, LED Backlight
logo
List of Unclassifed Man...
HDM16416L ETC1-HDM16416L Datasheet
37Kb / 1P
   16 Character x 4 Lines, LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com