Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3158JR Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3158JR
Description  4-Bit Programmable Synchronous Buck Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3158JR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3158JR Datasheet HTML 2Page - Analog Devices ADP3158JR Datasheet HTML 3Page - Analog Devices ADP3158JR Datasheet HTML 4Page - Analog Devices ADP3158JR Datasheet HTML 5Page - Analog Devices ADP3158JR Datasheet HTML 6Page - Analog Devices ADP3158JR Datasheet HTML 7Page - Analog Devices ADP3158JR Datasheet HTML 8Page - Analog Devices ADP3158JR Datasheet HTML 9Page - Analog Devices ADP3158JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
ADP3158/ADP3178
–6–
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VID0
VID1
VID2
VID3
LRFB1
LRDRV1
CS–
CS+
GND
DRVH
DRVL
VCC
LRFB2
LRDRV2
COMP
CT
FROM CPU
C1
100 F
C15
1 F
C2
100 F
Q2
*
C12
1 F
Q1
*
C3
150pF
RB
10.5k
RA
78.7k
COC
2.7nF
3.3V
C17 C18 C19 C20 C21
VLR2
1.8V,
2A
R12
4m
L1
1.7 H
Q4
*
Q3
**
C8
1000 F
C9
1000 F
C7
22 F
L2
1 H
VCC CORE
1.30V TO
2.05V
15A
5V
5V STANDBY
12V
D3
MBR052LT1
D2
MBR052LT1
VLR1
2.5V, 2A
C6
1 F
R4
220
R3
220
C10
1nF
3.3V
ADP3158/
ADP3178
+
+
+
+
+
+
+
+
+
+
+
*SUB45N03-13L
**SUB75N03-07
U1
C2
68pF
C11
68pF
R2
10k
R11
10k
1000 F
5
24m
(EACH)
Figure 3. 15 A Pentium III Application Circuit
The linear regulator controllers have been designed so that they
remain active even when the switching controller is in UVLO mode
to ensure that the output voltages of the linear regulators will track
the 3.3 V supply as required by Intel design specifications. By
diode ORing the VCC input of the IC to the 5 VSB and 12 V
supplies as shown in Figure 3, the switching output will be disabled
in standby mode, but the linear regulators will begin conducting
once VCC rises above about 1 V. During start-up the linear out-
puts will track the 3.3 V supply up until they reach their respective
regulation points, regardless of the state of the 12 V supply. Once
the 12 V supply has exceeded the 5 VSB supply by more than a
diode drop, the controller IC will track the 12 V supply. Once the
12 V supply has risen above the UVLO value, the switching regula-
tor will begin its start-up sequence.
Table I. Output Voltage vs. VID Code
VID3
VID2
VID1
VID0
VOUT(NOM)
1
1
1
1
1.30 V
1
1
1
0
1.35 V
1
1
0
1
1.40 V
1
1
0
0
1.45 V
1
0
1
1
1.50 V
1
0
1
0
1.55 V
1
0
0
1
1.60 V
1
0
0
0
1.65 V
0
1
1
1
1.70 V
0
1
1
0
1.75 V
0
1
0
1
1.80 V
0
1
0
0
1.85 V
0
0
1
1
1.90 V
0
0
1
0
1.95 V
0
0
0
1
2.00 V
0
0
0
0
2.05 V
APPLICATION INFORMATION
Specifications for a Design Example
The design parameters for a typical 750 MHz Pentium III appli-
cation (shown in Figure 3) are as follows:
Input Voltage: (VIN) = 5 V
Auxiliary Input: (VCC) = 12 V
Output Voltage (VVID) = 1.7 V
Maximum Output Current (IO(MAX)) = 15 A
Minimum Output Current (IO(MIN)) = 1 A
Static tolerance of the supply voltage for the processor core
(
∆V
O) = +40 mV (–80 mV) = 120 mV
Transient tolerance (for less than 2
µs) of the supply voltage
for the processor core when the load changes between the
minimum and maximum values with a di/dt of 20 A/
µs
(
∆V
O(TRANSIENT)) = +80 mV (–130 mV) = 210 mV
Input current di/dt when the load changes between the mini-
mum and maximum values < 0.1 A/
µs.
The above requirements correspond to Intel’s published power
supply requirements based on VRM 8.4 guidelines.


Similar Part No. - ADP3158JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3158JR AD-ADP3158JR Datasheet
190Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
More results

Similar Description - ADP3158JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3159 AD-ADP3159 Datasheet
231Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3158 AD-ADP3158 Datasheet
190Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
   4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com