Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520W Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BFG520W
Description  NPN 9 GHz wideband transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG520W Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BFG520W Datasheet HTML 6Page - NXP Semiconductors BFG520W Datasheet HTML 7Page - NXP Semiconductors BFG520W Datasheet HTML 8Page - NXP Semiconductors BFG520W Datasheet HTML 9Page - NXP Semiconductors BFG520W Datasheet HTML 10Page - NXP Semiconductors BFG520W Datasheet HTML 11Page - NXP Semiconductors BFG520W Datasheet HTML 12Page - NXP Semiconductors BFG520W Datasheet HTML 13Page - NXP Semiconductors BFG520W Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Oct 02
10
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
Fig.18 Common emitter input reflection coefficient (S11); typical values.
handbook, full pagewidth
MLB814
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
180 o
45 o
90 o
135 o
5
2
1
0.5
0.5
1
2
5
5
2
0.2
1
0
3 GHz
0.2
0.2
0.5
40 MHz
VCE = 6 V; IC = 20 mA; Zo =50 Ω.
Fig.19 Common emitter forward transmission coefficient (S21); typical values.
handbook, full pagewidth
MLB815
0 o
90o
135o
180 o
90o
50
40
30
20
10
45 o
135o
45 o
40 MHz
3 GHz
VCE = 6 V; IC = 20 mA.


Similar Part No. - BFG520W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
   NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
BFG520W NXP-BFG520W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFG520W JMNIC-BFG520W Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
logo
NXP Semiconductors
BFG520W-X NXP-BFG520W-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG520W/X NXP-BFG520W/X Datasheet
304Kb / 15P
   NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
More results

Similar Description - BFG520W

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG505_2015 JMNIC-BFG505_2015 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistors
BFG520W_2015 JMNIC-BFG520W_2015 Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
BFG505 JMNIC-BFG505_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistors
logo
NXP Semiconductors
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
   NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
BFG505 PHILIPS-BFG505 Datasheet
159Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFG520W JMNIC-BFG520W_15 Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
logo
NXP Semiconductors
BFG505 NXP-BFG505 Datasheet
306Kb / 13P
   NPN 9 GHz wideband transistors
Rev. 04-22 November 2007
BFG505W PHILIPS-BFG505W Datasheet
148Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com