Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2891ACPZ-RL Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2891ACPZ-RL
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2891ACPZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2891ACPZ-RL Datasheet HTML 4Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 5Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 6Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 7Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 8Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 9Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 10Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 11Page - Analog Devices ADN2891ACPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADN2891
Rev. A | Page 8 of 16
70
0
1k
100k
RTH (Ω)
60
50
40
30
20
10
10k
+95
°C
+25
°C
–40
°C
+95
°C
+25
°C
–40
°C
DEASSERTION
ASSERTION
5.0
0
0
3.5
DATA RATE (Gbps)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Figure 8. LOS Trip and Release vs. RTH at OC48
Figure 11. Random Jitter vs. Data Rate
8
0
1k
100k
RTH (Ω)
6
4
2
10k
OC48
OC3
14
0
0
3.5
DATA RATE (Gbps)
12
10
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
Figure 12. Deterministic Jitter vs. Data Rate
Figure 9. LOS Electrical Hysteresis vs. RTH at 25°C
70
0
100k
SUPPLY-NOISE FREQUENCY (Hz)
10M
60
50
40
30
20
10
1M
18
0
ELECTRICAL HYSTERESIS (dB)
16
14
12
10
8
6
4
2
6.0
6.3
6.6
6.9
7.2
7.5
7.8
8.1
8.4
8.7
9.0
Figure 13. PSRR vs. Supply-Noise Frequency
Figure 10. Sample Lot Distribution—Worst-Case Condition:
Conditions = 155 Mbps, 100 kΩ @ 95°C, 3.6 V


Similar Part No. - ADN2891ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2891ACPZ-RL AD-ADN2891ACPZ-RL Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACPZ-RL AD-ADN2891ACPZ-RL Datasheet
596Kb / 16P
   Limiting Amplifier
ADN2891ACPZ-RL7 AD-ADN2891ACPZ-RL7 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891ACPZ-RL7 AD-ADN2891ACPZ-RL7 Datasheet
596Kb / 16P
   Limiting Amplifier
More results

Similar Description - ADN2891ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com