Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A20503RSZQ Datasheet(PDF) 2 Page - ITT Industries

Part # A20503RSZQ
Description  1-4 Pole Rotary Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A20503RSZQ Datasheet(HTML) 2 Page - ITT Industries

  A20503RSZQ Datasheet HTML 1Page - ITT Industries A20503RSZQ Datasheet HTML 2Page - ITT Industries A20503RSZQ Datasheet HTML 3Page - ITT Industries A20503RSZQ Datasheet HTML 4Page - ITT Industries A20503RSZQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L–4
L
C&K A Series
1-4 Pole Rotary Switches
SWITCH FUNCTION
3P MODELS SCHEMATIC
4P MODELS SCHEMATIC
DP MODELS SCHEMATIC
SP MODELS SCHEMATIC
3P MODELS
TERMINAL NUMBERS
4
P MODELS
SP MODELS (omit terminals B, C & D)
DP MODELS (omit terminals B & D)
Terminal numbers
molded on bottom
of housing.
All Terminals
3 Position
A403
A,B,C,D,1,2,4,5,7,
8,10,11
4PDT
A402
4P
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
A,1,2,4,5,7,8,10,11
8 Position
A125
A,1,2,4*
3 Position
A115
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
45º INDEXING
A,C,1,4,7,10
2 Position
A214
DP
A,1,4,7,10
4 Position
A124
A,1,4*
2 Position
A114
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
90º INDEXING
NOTE: * These models with ‘C’ or ‘MC’ terminations have additional terminal no. 9
as switch support only. This terminal is not connected electrically inside switch.
All models
with all options when ordered with ‘G’ or ‘Q’ contact
material, see page L-6.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A,B,C,1-12
4 Position
A304
A,B,C,1-3,5-7
9-11
3 Position
A303
A,C,1-12
6 Position
A206
A,C,1-5,7-11
5 Position
A205
A,C,1-4,7-10
4 Position
A204
A,C,1-3,7-9
3 Position
A203
DP
A,1-12
12 Position
A112
A,1-10
10 Position
A110
A,1-9
9 Position
A109
A,1-8
8 Position
A108
A,1-7
7 Position
A107
A,1-6*
6 Position
A106
A,1-5*
5 Position
A105
A,1-4*
4 Position
A104
A,1-3*
3 Position
A103
A,1,2*
SPDT
A102
A,1-12
12 Position
No Stops
A100
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
3P


Similar Part No. - A20503RSZQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A20505MNZQE CK-COMPONENTS-A20505MNZQE Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A20503RSZQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
   1-4 Pole Rotary Switches
A CK-COMPONENTS-A Datasheet
581Kb / 5P
   1-4 Pole Rotary Switches
2021
A114132A1NCRQ CK-COMPONENTS-A114132A1NCRQ Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
767B00201 CK-COMPONENTS-767B00201 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
   1-6 Pole Miniature Rotary Switches
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com