Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR14S201KC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GNR14S201KC
Description  Catalog number system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GNR14S201KC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GNR14S201KC Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR14S201KC Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR14S201KC Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR14S201KC Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR14S201KC Datasheet HTML 5Page - List of Unclassifed Manufacturers GNR14S201KC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPE
GNR10D
□□□K
MODEL
PAGE
3/4
CITATION
DATE Jul. 21, 2004
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
C01
3. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
3.0
Standard
Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5~35°C
Relative humidity:
45~85 % RH
3.1
Maximum
Allowable Voltage
AC : *(2) Vrms
DC : *(2) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
3.2
Varistor Voltage
V0.1mA : *(2) V Voltage across the varistor measured at CmA DC.
3.3
Varistor Voltage
Temperature
Coefficient
0 ~
−−−−0.05 %/°C
3.4
Max. Clamping
Voltage
*(2) V at *(2) A
Peak voltage across the varistor with a specified
peak impulse current of 8x20
µs waveform.
3.5
Rated Power
*(2) W
Maximum 50~60Hz power which may be loaded
for 1,000 hrs at 85
±2°C with ∆VCmA/ VCmA ≤±10%.
The max. current within the varistor voltage
change of less than
±10% when one impulse
current (8x20
µs) applied.
3.6
Withstanding
Surge Current
*(2) A
The max. current with a varistor voltage change
of less than
±10% when two times impulse
current (8x20
µs) are applied at intervals of 5
minutes.
3.7
Energy
*(2) Joule
The max. energy absorbed with a varistor voltage
change of less than
±10% when one impulse
(10x1000
µs) is applied.
3.8
Surge Life
*(2) A
The max. current with a varistor voltage change
of less than
±10% when 10,000 times impulse
current (8x20
µs) are applied at intervals of 20
seconds at room temperature.
*(2) See Page 4


Similar Part No. - GNR14S201KC

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR14D101 CERAMATE-GNR14D101 Datasheet
60Kb / 5P
   VARISTOR
GNR14D101K CERAMATE-GNR14D101K Datasheet
60Kb / 5P
   VARISTOR
GNR14D101K CERAMATE-GNR14D101K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
GNR14D102K CERAMATE-GNR14D102K Datasheet
60Kb / 5P
   VARISTOR
GNR14D112K CERAMATE-GNR14D112K Datasheet
60Kb / 5P
   VARISTOR
More results

Similar Description - GNR14S201KC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
   Long Barrel Copper Lug T&B Catalog Number
N6NY-010-0-C ETC2-N6NY-010-0-C Datasheet
36Kb / 1P
   Plain Edge Cable Clamps T B Catalog Number
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com