Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A114132A2NCNBE Datasheet(PDF) 1 Page - ITT Industries

Part # A114132A2NCNBE
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A114132A2NCNBE Datasheet(HTML) 1 Page - ITT Industries

  A114132A2NCNBE Datasheet HTML 1Page - ITT Industries A114132A2NCNBE Datasheet HTML 2Page - ITT Industries A114132A2NCNBE Datasheet HTML 3Page - ITT Industries A114132A2NCNBE Datasheet HTML 4Page - ITT Industries A114132A2NCNBE Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
M–34
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Models Available
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
Features/Benefits
Multi-pole and multi-position
Shorting and non-shorting
contacts available
Low level and power capability
PCB mounting
Typical Applications
Security alarm systems
Medical equipment
Computer servers
Specifications
CONTACT RATING: Q contact material: Switch-2.5 AMPS @
125 V AC; 350 mA @ 125 V DC (UL/CSA). Carry-5 AMPS
continuous. See page M-38 for additional ratings.
ELECTRICAL LIFE: 15,000 make-and-break cycles at full load up to
300,000 detent operations.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
INDEXING: 30º: 2-4 positions, 45º or 90º: 2-3 positions.
STATIC RESISTANCE: Anti-static models exceed 20 KV DC static
resistance @ sea level, lock body to terminals.
Materials
LOCK: Zinc alloy with stainless steel facing.
KEYS: Two nickel plated brass keys with code number.
SWITCH HOUSING: Glass filled 6/6 nylon (UL 94V-0).
MOVABLE CONTACT: Q contact material: Coin silver, silver plated.
See page M-38 for additional contact materials.
STATIONARY CONTACTS & TERMINALS: Q contact material: Brass,
silver plated. See page L-38 for additional contact materials.
MOUNTING NUT: Zinc alloy.
DRESS NUT: Brass, nickel plated.
LOCKING RING: 6/6 nylon (UL 94V-2).
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the latest
information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages M–35 through M–38. For additional options not shown in catalog, consult Customer Service Center.
Switch and lock Function
A21613
DP, 30°, keypull pos. 1
A11413
SP, 90°, keypull pos. 1
A31413
3P, 90º, keypull pos. 1
A3141U 3P, 90°, keypull pos. 1 & 2
A11513
SP, 45°, keypull pos. 1
A31513
3P, 45°, keypull pos. 1
A3151U 3P, 45°, keypull pos. 1 & 3
A21582
DP, 45º, keypull pos. 1
A11613
SP, 30°, keypull p05. 1
A1161U SP, 30°, keypull pos. 1 & 4
A12112
SP, 45°, keypull p05. 1
A42112
4P, 45°, keypull pos. 1
Seal
NONE No seal
E Epoxy seal
Keying
2
Two nickel plated brass keys
Terminations
Z Solder lug
C PC Thru-hole
Contact Material
Q Silver
B Gold
Lock Type
A 4 Tumbler lock
G 5 Tumbler lock with anti-static switch
Y 4 Tumbler lock with anti-static switch
Lock Finish
2
Stainless steel facing
1
Nickel plated with
removable dress nut
8
Gloss black facing
Shorting/Non-Shorting
N Non-shorting contacts
S Shorting contacts
Mounting/Lock Style
N With nut
R With removable dress nut


Similar Part No. - A114132A2NCNBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
A114132A1NCRQ CK-COMPONENTS-A114132A1NCRQ Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
More results

Similar Description - A114132A2NCNBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com