Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62420DRCTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62420DRCTG4
Description  2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62420DRCTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62420DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 11Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 12Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 13Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
-40 C
°
85 C
°
25 C
°
17
18
19
20
21
22
23
24
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
-40°C
85°C
25°C
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
85°C
25°C
-40°C
28
30
32
34
36
38
40
42
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
85°C
25°C
-40°C
TPS62420
SLVS676B – JUNE 2006 – REVISED OCTOBER 2006
FOSC vs VIN
Iq FOR ONE CONVERTER, NOT SWITCHING
Figure 9.
Figure 10.
Iq FOR BOTH CONVERTERS, NOT SWITCHING
RDSON PMOS vs VIN
Figure 11.
Figure 12.
10
Submit Documentation Feedback


Similar Part No. - TPS62420DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420DRC TI-TPS62420DRC Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
More results

Similar Description - TPS62420DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com