Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A418316 Datasheet(PDF) 6 Page - AMIC Technology

Part # A418316
Description  256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A418316 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A418316 Datasheet HTML 2Page - AMIC Technology A418316 Datasheet HTML 3Page - AMIC Technology A418316 Datasheet HTML 4Page - AMIC Technology A418316 Datasheet HTML 5Page - AMIC Technology A418316 Datasheet HTML 6Page - AMIC Technology A418316 Datasheet HTML 7Page - AMIC Technology A418316 Datasheet HTML 8Page - AMIC Technology A418316 Datasheet HTML 9Page - AMIC Technology A418316 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
A418316 Series
PRELIMINARY
(July, 2003,Version 0.0)
4
AMIC Technology, Inc.
Truth Table
Function
RAS
UCAS
LCAS
WE
OE
Address
I/Os
Notes
Standby
H
H
H
L
L
L
L
Read: Word
L
L
L
H
L
Row/Col.
Data Out
Read: Lower Byte
L
H
L
H
L
Row/Col.
I/O0-7 = Data Out
I/O8-15 = High-Z
Read: Upper Byte
L
L
H
H
L
Row/Col.
I/O0-7 = High-Z
I/O8-15 = Data Out
Write: Word(Early)
L
L
L
L
X
Row/Col.
Data In
Write: Lower Byte(Early)
L
H
L
L
X
Row/Col.
I/O0-7 = Data In
I/O8-15 = X
Write: Upper Byte(Early)
L
L
H
L
X
Row/Col.
I/O0-7 = X
I/O8-15 = Data In
Read-Write
L
L
L
H
→L
L
→H
Row/Col.
Data Out
→ Data In
1.2
Fast-Page-Mode Read: Hi-Z
-First cycle
-Subsequent Cycles
L
L
H
→L
H
→L
H
→L
H
→L
H
H
H
→L
H
→L
Row/Col.
Col.
Data Out
Data Out
2
2
Fast-Page-Mode Write (Early)
-First cycle
-Subsequent Cycles
L
L
H
→L
H
→L
H
→L
H
→L
L
L
X
X
Row/Col.
Col.
Data In
Data In
1
1
Fast-Page-Mode Read-Write
-First cycle
-Subsequent Cycles
L
L
H
→L
H
→L
H
→L
H
→L
H
→L
H
→L
L
→H
L
→H
Row/Col.
Col.
Data In
Data In
1, 2
1, 2
Hidden Refresh Read
L
→H→L
L
L
H
L
Row/Col.
Data Out
2
Hidden Refresh Write
L
→H→L
L
L
L
X
Row/Col.
Data In
→ High-Z
1
RAS -Only Refresh
L
H
H
X
X
Row
High-Z
CBR Refresh
H
→L
L
L
X
X
X
High-Z
3
Self Refresh
H
→L
L
L
X
X
X
High-Z
Note:
1. Byte Write may be executed with either
UCAS or LCAS active.
2. Byte Read may be executed with either
UCAS or LCAS active.
3. Only one
CAS signal ( UCAS or LCAS ) must be active.


Similar Part No. - A418316

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A4184-02 HAMAMATSU-A4184-02 Datasheet
144Kb / 1P
   Housings, Power and Signal Cables, Connector Adapters
A4184-03 HAMAMATSU-A4184-03 Datasheet
144Kb / 1P
   Housings, Power and Signal Cables, Connector Adapters
More results

Similar Description - A418316

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Samsung semiconductor
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com