Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DENE-37P-L2-E03 Datasheet(PDF) 4 Page - ITT Industries

Part # DENE-37P-L2-E03
Description  Eurostyle D Subminiature Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DENE-37P-L2-E03 Datasheet(HTML) 4 Page - ITT Industries

  DENE-37P-L2-E03 Datasheet HTML 1Page - ITT Industries DENE-37P-L2-E03 Datasheet HTML 2Page - ITT Industries DENE-37P-L2-E03 Datasheet HTML 3Page - ITT Industries DENE-37P-L2-E03 Datasheet HTML 4Page - ITT Industries DENE-37P-L2-E03 Datasheet HTML 5Page - ITT Industries DENE-37P-L2-E03 Datasheet HTML 6Page - ITT Industries DENE-37P-L2-E03 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.ittcannon.com
Dimensions are shown in mm
Dimensions subject to change
Eurostyle D Subminiature Connectors
4
Cannon
Pin Connector
Pin Connector 90
°
Shell size
Contacts
A - 0,7
B + 0,25
C
± 0,1
D + 0,25
E - 0,7
F
DE
9
31,20
16,79
25,00
8,23
12,90
2,54 or 2,84
DA
15
39,50
25,12
33,35
8,23
12,90
2,54 or 2,84
DB
25
53,40
38,84
47,04
8,23
12,90
2,54 or 2,84
DC
37
69,70
55,30
63,50
8,23
12,90
2,54 or 2,84
03 - M3 thread
04 - 4-40 UNC thread
13 - M3 thread
14 - 4-40 UNC thread
Part numbers Pin
Shell size
Layout
Clinch nut 4-40 UNC
Clinch nut M3
DE
9
DENE-9P-L1-E04-A191
DENE-9P-L1-E03-A191
DA
15
DANE-15P-L1-E04-A191
DANE-15P-L1-E03-A191
DB
25
DBNE-25P-L1-E04-A191
DBNE-25P-L1-E03-A191
DC
37
DCNE-37P-L1-E04-A191
DCNE-37P-L1-E03-A191
Shell size
Layout
Jackpost 4-40 UNC
Jackpost M3
DE
9
DENE-9P-L1-E14-A191
DENE-9P-L1-E13-A191
DA
15
DANE-15P-L1-E14-A191
DANE-15P-L1-E13-A191
DB
25
DBNE-25P-L1-E14-A191
DBNE-25P-L1-E13-A191
DC
37
DCNE-37P-L1-E14-A191
DCNE-37P-L1-E13-A191
Note: For performance class 1 replace A-191 by -A190;
For performance class 3 delete -A191.
Example: DENE-9P-L1-E13
For row spacing 2,84 mm replace D*NE with D*NF
Example: DANF-15P-L1-A191
Jackpost
clinch nut
pushfit
Part numbers in red letter typeface indicate standard products: usually available with shorter lead times.


Similar Part No. - DENE-37P-L2-E03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
DENEXT-TGU8 AAEON-DENEXT-TGU8 Datasheet
406Kb / 2P
   86 x 55mm Single Board with 11th Generation Intel® Core™ i7/i5/i3 Processor
2022/11/14
DENEXT-V2K8 AAEON-DENEXT-V2K8 Datasheet
446Kb / 2P
   86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
DENEXT-V2K8-A10-0001 AAEON-DENEXT-V2K8-A10-0001 Datasheet
446Kb / 2P
   86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
DENEXT-V2K8-A10-0002 AAEON-DENEXT-V2K8-A10-0002 Datasheet
446Kb / 2P
   86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
DENEXT-V2K8-A11-0001 AAEON-DENEXT-V2K8-A11-0001 Datasheet
446Kb / 2P
   86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
More results

Similar Description - DENE-37P-L2-E03

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com