Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3880 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3880 Datasheet HTML 1Page - National Semiconductor (TI) LM3880 Datasheet HTML 2Page - National Semiconductor (TI) LM3880 Datasheet HTML 3Page - National Semiconductor (TI) LM3880 Datasheet HTML 4Page - National Semiconductor (TI) LM3880 Datasheet HTML 5Page - National Semiconductor (TI) LM3880 Datasheet HTML 6Page - National Semiconductor (TI) LM3880 Datasheet HTML 7Page - National Semiconductor (TI) LM3880 Datasheet HTML 8Page - National Semiconductor (TI) LM3880 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Enable Combinations
EN_DCDC
EN_LILO
EN_LDO
Function
0
0
0
No Outputs
0
0
1
Linear Regulator enabled only (EN_LDO), supply from V
IN_LDO,
I
OUT_MAX = 300 mA
0
1
0
Linear Regulator enabled only LILO supplies from V
IN_LDO,
I
OUT_MAX = 50 mA, VIN_LDO > = VOUT_LILO
1
0
0
DC-DC converter enabled only
1
1
0
Linear Regulator & DCDC enabled
1) V
IN_LILO < VOUT_LILO + 150 mV (typ.), the small NMOS device is active
(I
MAX = 50 mA) and supplied by VIN_LDO.
2) If V
IN_LILO > VOUT_LILO + 250 mV (typ.), the large NMOS device is active
(I
MAX = 350 mA) and supplied by VIN_LILO. Maxium current of DC-DC when
EN_LILO = High is 250 mA (Note A & B)
1
1
1
DC-DC converter and linear regulator active.
Linear regulator starts after DC-DC converter.
Note A: The LILO is turned on via a small NMOS device supplied by V
IN_LDO . The maximum current is 50 mA when this small
NMOS is ON. If higher current > 50 mA is desired the following condition must be done: EN_DC = HIGH .
Note B: When the switcher is enabled, a transition occurs from the small NMOS to a larger NMOS. The transition occurs when
V
IN_LILO > VOUT_LILO + 250 mV. If VIN_LILO < VOUT_LILO + 150 mV, the LILO switches back to small NMOS (Switcher EN = low).
30025532
FIGURE 3. Mode Transition
5
www.national.com


Similar Part No. - LM3880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3880 TI-LM3880 Datasheet
825Kb / 22P
[Old version datasheet]   LM3880/LM3880Q-1 Power Sequencer
LM3880 TI1-LM3880 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
LM3880 TI1-LM3880 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
283Kb / 12P
   Power Sequencer
logo
Texas Instruments
LM3880-Q1 TI1-LM3880-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
More results

Similar Description - LM3880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Renesas Technology Corp
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com