Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3063D Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3063D
Description  1.5 A, Step?뭊p/Down/Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3063D Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3063D Datasheet HTML 1Page - ON Semiconductor NCP3063D Datasheet HTML 2Page - ON Semiconductor NCP3063D Datasheet HTML 3Page - ON Semiconductor NCP3063D Datasheet HTML 4Page - ON Semiconductor NCP3063D Datasheet HTML 5Page - ON Semiconductor NCP3063D Datasheet HTML 6Page - ON Semiconductor NCP3063D Datasheet HTML 7Page - ON Semiconductor NCP3063D Datasheet HTML 8Page - ON Semiconductor NCP3063D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP3063, NCP3063B, NCV3063
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TJ = Tlow to Thigh [Note 5], unless otherwise specified)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
OSCILLATOR
fOSC
Frequency
(VPin 5 = 0 V, CT = 2.2 nF,
TJ = 25°C)
110
150
190
kHz
IDISCHG /
ICHG
Discharge to Charge Current Ratio
(Pin 7 to VCC, TJ = 25°C)
5.5
6.0
6.5
VIPK(Sense)
Current Limit Sense Voltage
(TJ = 25
°C) (Note 6)
165
200
235
mV
OUTPUT SWITCH (Note 7)
VSWCE(DROP) Darlington Switch Collector to
Emitter Voltage Drop
(ISW = 1.0 A, Pin 2 to GND,
TJ = 25°C) (Note 7)
1.0
1.3
V
IC(OFF)
Collector Off−State Current
(VCE = 40 V)
0.01
100
mA
COMPARATOR
VTH
Threshold Voltage
TJ = 25°C
1.250
V
NCP3063
−1.5
+1.5
%
NCP3063B, NCV3063
−2
+2
%
REGLiNE
Threshold Voltage Line Regulation
(VCC = 5.0 V to 40 V)
−6.0
2.0
6.0
mV
ICII in
Input Bias Current
(Vin = Vth)
−1000
−100
1000
nA
TOTAL DEVICE
ICC
Supply Current
(VCC = 5.0 V to 40 V,
CT = 2.2 nF, Pin 7 = VCC,
VPin 5 > Vth, Pin 2 = GND,
remaining pins open)
7.0
mA
Thermal Shutdown Threshold
160
°C
Hysteresis
10
°C
5. NCP3063: Tlow = 0°C, Thigh = +70°C;
NCP3063B, NCV3063: Tlow = −40°C, Thigh = +125°C
6. The
VIPK(Sense) Current Limit Sense Voltage is specified at static conditions. In dynamic operation the sensed current turn−off value depends
on comparator response time and di/dt current slope. See the Operating Description section for details.
7. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
8. NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - NCP3063D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3063DR2G ONSEMI-NCP3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
More results

Similar Description - NCP3063D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com