Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFM520 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFM520
Description  Dual NPN wideband transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFM520 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFM520 Datasheet HTML 1Page - NXP Semiconductors BFM520 Datasheet HTML 2Page - NXP Semiconductors BFM520 Datasheet HTML 3Page - NXP Semiconductors BFM520 Datasheet HTML 4Page - NXP Semiconductors BFM520 Datasheet HTML 5Page - NXP Semiconductors BFM520 Datasheet HTML 6Page - NXP Semiconductors BFM520 Datasheet HTML 7Page - NXP Semiconductors BFM520 Datasheet HTML 8Page - NXP Semiconductors BFM520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1996 Oct 08
5
Philips Semiconductors
Product specification
Dual NPN wideband transistor
BFM520
Fig.2 Power derating as a function of soldering
point temperature; typical values.
handbook, halfpage
0
50
100
200
1
0
MBG228
150
1.5
0.5
Ptot
(mW)
Ts (
oC)
double loaded
single loaded
Fig.3
Transition frequency as a function of
collector current; typical values.
f = 1 GHz; Tamb =25 °C.
handbook, halfpage
MRA705
fT
(GHz)
IC (mA)
VCE = 6V
VCE = 3V
12
8
4
0
10−1
110
102
Fig.4
DC current gain as a function of collector
current; typical values.
VCE =6V.
handbook, halfpage
MRA703
0
250
50
100
150
200
hFE
IC (mA)
10−1
10−2
1
10
102
Fig.5
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
MRA704
0.6
0.4
0.2
0
04
8
12
Cre
(pF)
VCB (V)


Similar Part No. - BFM520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFM520 NXP-BFM520 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFM520

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFM505 JMNIC-BFM505_15 Datasheet
71Kb / 10P
   Dual NPN wideband transistor
logo
NXP Semiconductors
BFM505 PHILIPS-BFM505 Datasheet
92Kb / 10P
   Dual NPN wideband transistor
1996 Oct 08
BFQ540 PHILIPS-BFQ540 Datasheet
71Kb / 8P
   NPN wideband dual transistor
Rev. 04-25 September 2007
logo
Quanzhou Jinmei Electro...
BFM505_2015 JMNIC-BFM505_2015 Datasheet
71Kb / 10P
   Dual NPN wideband transistor
logo
NXP Semiconductors
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
BFU520Y PHILIPS-BFU520Y_15 Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1-20 February 2014
BFQ540 NXP-BFQ540_07 Datasheet
67Kb / 8P
   NPN wideband transistor
2000 May 23
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com