Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA08COM-PG10SL-1SW-B-01 Datasheet(PDF) 2 Page - ITT Industries

Part # CA08COM-PG10SL-1SW-B-01
Description  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA08COM-PG10SL-1SW-B-01 Datasheet(HTML) 2 Page - ITT Industries

  CA08COM-PG10SL-1SW-B-01 Datasheet HTML 1Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 2Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 3Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 4Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 5Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 6Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 7Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 8Page - ITT Industries CA08COM-PG10SL-1SW-B-01 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
All dimensions are in mm
Subject to changes
CA-COM
2
Contents
Introduction ........................................... 2
Connector design .................................. 2
Technical data ........................................ 3
How to order ........................................ 4
Contact arrangements. .......................... 5
Mounting dimensions ........................... 10
Separating and coupling dimensions .... 11
Shell styles and dimensions .................. 12
Accessories ............................................ 33
Contact dimensions .............................. 37
Tools ..................................................... 38
Product safety information ................... 40
CA-COM-B
• Bayonet coupling
• Mateable with all connectors according
to VG95234 and series CA-B respec-
tively
• Either solder or crimp contacts
• Contact arrangements with 1 to 37
contacts
• Wire sizes from 0,14 to 2,5 mm2
• Shells made of aluminum alloy enable
to withstand high mechanical strain*
• Surface protected by nickel plating
• Resilient insulator (polychloroprene)
for wide temperature range
(–55/125
°C)
• Resistant against aggressive fluids like
fuel, oil, etc.
• Environmental by means of an adapter
for PG termination, universal endbell
and heat shrink boots
• Min 500 mating cycles
• Waterproof (1 bar, 12 hours)
CA-COM
• Threaded coupling
• Mateable with all connectors according
to MIL-C-5015 and series CA respec-
tively
• Either solder or crimp contacts
• Contact arrangements with 1 to 37
contacts
• Wire sizes from 0,14 up to 2,5 mm2
• Shells made of aluminum alloy enable
to withstand high mechanical strain*
• Surface protected by nickel plating
• Resilient insulator (polychloroprene)
for wide temperature range
(–55/125
°C)
• Resistant against aggressive fluids like
fuel, oil, etc.
• Environmental by means of an adapter
for PG termination, universal endbell
and heat shrink boots
• Min 500 mating cycles
• Spray-waterproof IP67
Introduction
ITT Industries, Cannon connectors series
CA-COM and CA-COM-B are derivations of
connectors according to MIL-C-5015 or
VG95234. They were developed especially
for industrial applications. Connectors of
both CA-COM series are interchangeable
with the corresponding types as per MIL-
C-5015 and VG95234, as they offer the
same mounting dimensions and contact
arrangements.
The CA-COM and CA-COM-B connector
series offer
• Wall mounting receptacles
• Cable connecting plugs
• Box mounting receptacles
• Straight plugs
• Plugs 90°
Wall mounting receptacles and cable
connecting plugs (straight and 90
°) are
available with
• Endbell with cable clamp
• Endbell for flex tubes
• Adapter combined for PG terminations
acc. to DIN 46320
• Adapter for heat shrink boots
Furthermore Cannon also provides the
appropriate accessories like
• Protective metal caps
• Sash chains
• Cable clamps
• Cable bushings
• Sealing gaskets
Note: * Receptacle size 14S and barrels size 18 + 20 are made of Zinc dicast
material.
#1171_CA-COM_englisch_250900
18.10.2000, 8:20 Uhr
2


Similar Part No. - CA08COM-PG10SL-1SW-B-01

ManufacturerPart #DatasheetDescription
logo
EPCOS
CA0805P2K17ALCG EPCOS-CA0805P2K17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P2K17TLCG EPCOS-CA0805P2K17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P2S17ALCG EPCOS-CA0805P2S17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P2S17TLCG EPCOS-CA0805P2S17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA0805P4K17ALCG EPCOS-CA0805P4K17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
More results

Similar Description - CA08COM-PG10SL-1SW-B-01

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
ITT Industries
CA06COME20-27PB ITT-CA06COME20-27PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com