Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A40203MSZQ Datasheet(PDF) 4 Page - ITT Industries

Part # A40203MSZQ
Description  1-4 Pole Rotary Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A40203MSZQ Datasheet(HTML) 4 Page - ITT Industries

  A40203MSZQ Datasheet HTML 1Page - ITT Industries A40203MSZQ Datasheet HTML 2Page - ITT Industries A40203MSZQ Datasheet HTML 3Page - ITT Industries A40203MSZQ Datasheet HTML 4Page - ITT Industries A40203MSZQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L–6
L
C&K A Series
1-4 Pole Rotary Switches
PC MOUNTING
4P MODEL
SP MODEL (omit terminals B, C & D)
DP MODEL (omit terminals B & D)
3P MODEL
Z
SOLDER LUG
MC
MODULAR BASE (for wave soldering)
C
PC THRU-HOLE
NOTE: Switches with ‘C’ or ‘MC’ terminations have additional terminal no. 9 as switch support only. This terminal
is not connected electrically inside switch. Solder and clean switch base on PC board with other components, then
snap on housing/actuator assembly. See page L-7 for installation instructions.
CONTACT MATERIAL
TERMINATIONS
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
1 MOVABLE CONTACTS: Copper alloy, with gold plate over nickel plate.
STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate.
2 MOVABLE CONTACTS: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Brass, silver plated (standard with all
termination options).
3 MOVABLE CONTACTS: Coin silver, with gold plate over nickel plate over silver plate.
STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate
over silver plate.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q” contact materials.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
SWITCH-2.5 AMPS @ 125 V AC; 350 mA @ 125V DC (UL/CSA).
CARRY-5 AMPS CONTINUOUS.
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
LOW LEVEL/DRY CIRCUIT
OR POWER
G
YES
YES
GOLD
1
GOLD OVER SILVER
3
0.4 VA MAX. @ 20 V AC or DC MAX. or SWITCH-2.5 AMPS @ 125 V AC;
350 mA @ 125 V DC (UL/CSA). CARRY-5 AMPS CONTINUOUS.


Similar Part No. - A40203MSZQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A402 CK-COMPONENTS-A402 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A402 CK-COMPONENTS-A402 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A402 CK-COMPONENTS-A402 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A402 CK-COMPONENTS-A402 Datasheet
290Kb / 5P
   Multi-pole and multi-position
A402 CK-COMPONENTS-A402 Datasheet
299Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A40203MSZQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
   1-4 Pole Rotary Switches
A CK-COMPONENTS-A Datasheet
581Kb / 5P
   1-4 Pole Rotary Switches
2021
A114132A1NCRQ CK-COMPONENTS-A114132A1NCRQ Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
767B00201 CK-COMPONENTS-767B00201 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
   1-6 Pole Miniature Rotary Switches
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com