Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1481 Datasheet(PDF) 2 Page - NEC

Part # 2SD1481
Description  SILICON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD1481 Datasheet(HTML) 2 Page - NEC

  2SD1481 Datasheet HTML 1Page - NEC 2SD1481 Datasheet HTML 2Page - NEC 2SD1481 Datasheet HTML 3Page - NEC 2SD1481 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D16189EJ1V0DS
2
2SD1481
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 40 V, IE = 0
1.0
µA
DC current gain
hFE1
VCE = 2.0 V, IC = 1.0 A*
2,000
20,000
DC current gain
hFE2
VCE = 2.0 V, IC = 3.0 A*
500
Collector saturation voltage
VCE(sat)
IC = 1.0 A, IB = 1.0 mA*
1.5
V
Base saturation voltage
VBE(sat)
IC = 1.0 A, IB = 1.0 mA*
2.0
V
Turn-on time
ton
0.5
µs
Storage time
tstg
2.0
µs
Fall time
tf
IC = 1.0 A, IB1 =
−IB2 = 10 mA
RL = 50
Ω, VCC ≅ 50 V
Refer to the test circuit.
1.0
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE1
2,000 to 5,000
4,000 to 10,000
8,000 to 20,000
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)
Case Temperature Tc (
°C)
Case Temperature TC (
°C)
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Notes 1. Tc = 25
°C
2.
3.
With infinite heatsink
CASE


Similar Part No. - 2SD1481

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1481 ISC-2SD1481 Datasheet
277Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Renesas Technology Corp
2SD1481 RENESAS-2SD1481 Datasheet
258Kb / 6P
   SILICON POWER TRANSISTOR
2002
More results

Similar Description - 2SD1481

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
   SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SB1669 RENESAS-2SB1669_15 Datasheet
262Kb / 8P
   SILICON POWER TRANSISTOR
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
2SD2162 RENESAS-2SD2162_15 Datasheet
235Kb / 8P
   SILICON POWER TRANSISTOR
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
   Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
   SILICON POWER TRANSISTOR
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
   SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
   SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
   SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
   SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com